Electronic Components Datasheet Search
  English  ▼

X  

SF2010FC Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SF2010FC
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SF2010FC Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SF2010FC Datasheet HTML 1Page - Diode Semiconductor Korea SF2010FC Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
FEATURES
Low cos t
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e:JEDEC ITO-220AB,molded plastic
Term inals : Solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.06 ounce, 1.67 grams
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
SF
SF
SF
SF
SF
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
@T
C=100
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 10 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage
@T
A=150
Maximum reverse recovery time
(Note1)
trr
ns
Operating junction temperature range
T
J
Storage temperature range
T
STG
The plas tic m aterial carries U/L recognition 94V-0
NOTE: 1. Measured with I
F=0.5A, I R=1A, I rr=0. 25A.
A
150
IR
IFSM
250
500
A
5.0
10
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SF2010FC---SF2060FC
A
SUPER FAST RECT IFIERS
VOLT AGE RANGE: 100 --- 600 V
CURRENT : 20 A
ITO-220AB
Eas ily cleaned with alcohol,Is opropanol
and s im ilar s olvents
IF(AV)
20
SF
2010FC 2020FC 2030FC 2040FC 2050FC 2060FC
- 55 ----- + 150
0.98
70
140
210
280
350
420
100
200
300
400
500
600
35
1.3
1.7
100
200
300
400
500
600
- 55 ----- + 150
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SF2010FC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SF2010FC LUGUANG-SF2010FC Datasheet
187Kb / 2P
Super Fast Rectifiers
logo
Frontier Electronics.
SF2010FCT FRONTIER-SF2010FCT Datasheet
1Mb / 2P
20A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Shenzhen Luguang Electr...
SF2010FCT LUGUANG-SF2010FCT Datasheet
1Mb / 2P
Super-Fast Recover Power Rectifiers
Revision:20240607-P1
More results

Similar Description - SF2010FC

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com