Electronic Components Datasheet Search
  English  ▼

X  

DS90C363 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C363
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C363 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DS90C363 Datasheet HTML 8Page - National Semiconductor (TI) DS90C363 Datasheet HTML 9Page - National Semiconductor (TI) DS90C363 Datasheet HTML 10Page - National Semiconductor (TI) DS90C363 Datasheet HTML 11Page - National Semiconductor (TI) DS90C363 Datasheet HTML 12Page - National Semiconductor (TI) DS90C363 Datasheet HTML 13Page - National Semiconductor (TI) DS90C363 Datasheet HTML 14Page - National Semiconductor (TI) DS90C363 Datasheet HTML 15Page - National Semiconductor (TI) DS90C363 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AC Timing Diagrams (Continued)
DS90C363 Pin Description — FPD Link Transmitter
Pin Name
I/O
No.
Description
TxIN
I
21
TTL level input. This includes: 6 Red, 6 Green, 6 Blue, and 3 control lines — FPLINE,
FPFRAME and DRDY (also referred to as HSYNC, VSYNC, Data Enable).
TxOUT+
O
3
Positive LVDS differentiaI data output.
TxOUT−
O
3
Negative LVDS differential data output.
FPSHIFT IN
I
1
TTL Ievel clock input. The falling edge acts as data strobe. Pin name TxCLK IN.
R_FB
I
1
Programmable strobe select.
RTxCLK OUT+
O
1
Positive LVDS differential clock output.
TxCLK OUT−
O
1
Negative LVDS differential clock output.
PWR DWN
I
1
TTL level input. When asserted (low input) TRI-STATES the outputs, ensuring low current at
power down.
V
CC
I
3
Power supply pins for TTL inputs.
GND
I
4
Ground pins for TTL inputs.
PLL V
CC
I
1
Power supply pin for PLL.
PLL GND
I
2
Ground pins for PLL.
LVDS V
CC
I
1
Power supply pin for LVDS outputs.
LVDS GND
I
3
Ground pins for LVDS outputs.
DS012886-11
C — Setup and Hold Time (Internal data sampling window) defined by Rspos (receiver input strobe position) min and max
Tppos — Transmitter output pulse position (min and max)
RSKM = Cable Skew (type, length) + Source Clock Jitter (cycle to cycle) (Note 10) + ISI (Inter-symbol interference) (Note 11)
Cable Skew — typically 10 ps–40 ps per foot, media dependent
Note 10: Cycle-to-cycle jitter is less than 250 ps at 65 MHz.
Note 11: ISI is dependent on interconnect length; may be zero.
FIGURE 19. Receiver LVDS Input Skew Margin
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com