Electronic Components Datasheet Search
  English  ▼

X  

USF805 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # USF805
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

USF805 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  USF805 Datasheet HTML 1Page - Diode Semiconductor Korea USF805 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
10.2± 0.2
PIN
0.9± 0.1
5.0± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
φ 3.8± 0.15
FEATURES
◇
Low cost
◇
Diffused junction
◇
Glass passivated junction
◇
Low forward voltage drop
◇
High current capability
MECHANICAL DATA
◇
Case:JEDEC
TO-220AC
◇
Terminals: solderable per
MIL- STD-202,Method 208
◇
Polarity: Color band denotes cathode
◇
Weight:
0.064 ounces,1.96 gram
◇
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
USF
810
USF
820
USF
830
USF
840
USF
860
Maximum recurrent peak reverse voltage
VRRM
100
200
300
400
500
600
V
Maximum RMS voltage
VRMS
70
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
100
200
300
400
500
600
V
Maximum average forward rectified current
total device (rated VR),TC=100℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous
@IF=8.0A
forward voltage (Note1)
VF
1.3
1.7
V
Maximum reverse current
@Tj=25℃
at rated DC blocking voltage
@Tj=125℃
Maximum reverse recovery time (Note2)
Typical thermal resistance junction to case
RθjC
℃/W
Operating junction temperature range
Tj
℃
Storage temperature range
TSTG
℃
NOTE:1.Pulse test:pulse width=300
µs,duty cycle≤2.0%
2. Measured with IF=0.5A, IR=1A, Irr=0.25 A.
ns
5.0
USF805---USF860
CURRENT:
8.0A
TO-220AC
USF
805
UNITS
- 55 ---- + 150
- 55 ---- + 150
A
µA
100
0.98
A
VOLTAGE RANGE: 50 --- 600V
◇
Easily cleaned with Alcohol,Isopropanol and similar solvents
I(AV)
8.0
SUPER FAST RECTIFIERS
IFSM
50
IR
◇
The plastic material carries U/L recognition 94V-0
35
50
30
800
trr
25
USF
850
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - USF805

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
USF805 LUGUANG-USF805 Datasheet
175Kb / 2P
Super Fast Rectifiers
USF805F LUGUANG-USF805F Datasheet
179Kb / 2P
Super Fast Rectifiers
logo
Diode Semiconductor Kor...
USF805F DSK-USF805F Datasheet
262Kb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - USF805

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com