Electronic Components Datasheet Search
  English  ▼

X  

USF2010FC Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # USF2010FC
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

USF2010FC Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  USF2010FC Datasheet HTML 1Page - Diode Semiconductor Korea USF2010FC Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.0
3.5
100
10
1.0
3.0
2.5
2.0
1.5
1.0
0.5
0
20
USF2010FC---USF2020FC
USF2030FC---USF2040FC
USF2050FC---USF2060FC
1
2
4
10
8
20
40 60 80 100
0
TJ=125℃
8.3ms Single Half
Sine-Wave
1 50
FIG.4-FORWORD DERATING CURVE
CASE TEMPERATURE,
USF2010FC---USF2060FC
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
z
SETTIMEBASEFOR10ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- PEAK FORWARD SURGE CURRENT
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
0
25
50
75
100
125
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
175
4.0
8.0
12
16
20
24
0
NUMBER OF CYCLES AT 60Hz
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com