Electronic Components Datasheet Search
  English  ▼

X  

ECX-L Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECX-L
Description  ECX-L LVDS OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-L Datasheet(HTML) 1 Page - ECS, Inc.

  ECX-L Datasheet HTML 1Page - ECS, Inc. ECX-L Datasheet HTML 2Page - ECS, Inc. ECX-L Datasheet HTML 3Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECSpressCON™
ECX-L LVDS OSCILLATOR
ECX-L2 (2.5V) and ECX-L3 (3.3V) low jitter, low current
Frequency Configurable SMD crystal controlled oscillators.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-L2 (+2.5V)
ECX-L3 (+3.3V)
MIN
MIN
TYP
TYP
MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
Load between each Output
Pin 1 **
Pin 1
12 KHz to 20 MHz band
Human Body Model
1
Au
3 kV Max.
Pin 1 = VIL
@ 50% VDD level
10% VDD to 90% level
@ +25°C (first year)
@ +25°C (first year)
Option C
Option D
10.0 to 100.0
100.1 to 250.0
250.1 to 500.0
500.1 to 1500.0
Option A
Option B
VDD
Standard
Extended (N Option)
Phase Jitter, rms
Absolute Voltage Range
Moisture Sensitivity Level
Termination Finish
ESD Sensitivity
Aging
Start-up Time
Offset Voltage
Differential Output Voltage
Input Current
Frequency Range
Operating Temperature
Storage Temperature
Supply Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Output Load
Output Enable
Output Disable
Disable Current
Output Enable Time
Output Disable Time
10.0
10.0
0
-40
-55
+2.375
MHz
°C
°C
°C
VDC
ppm
ppm
ppm
ppm
mA
mA
mA
mA
%
Vdd
Vdd
mA
ns
ns
mV
V
pS
ppm
ms
pS
VDC
1500.0
+70
+85
+125
+2.625
± 100
350
1.25
350
1.0
+3.3
350
1.25
350
1.0
50
500
±2
10
+3.63
0
16
18
18
20
0.7%
150
+70
+85
+125
+3.465
± 100
± 50
± 25
± 20
22
1500.0
45/55
100
100
Ω
200
-40
-55
+3.135
0.7%
16
16
0.3%
0.3%
175
175
150
45/55
± 50
± 25
± 20
21
26
28
200
50
500
±2
10
+3.63
* Note: Inclusive of +25°C tolerance, operating temperature, input voltage change, load change, shock and vibration.
**Note: Internal pull-up resistor allows active output in pin 1 is left open.
Example ECX-L35BN-156.250
Part Number Guide
Series
Voltage
Package
Stability
Operating Temperature
Frequency (MHz)
-
ECX-L
(LVDS Output)
-
2 = +2.5V
3 = +3.3V
2 = 2.5 x 2 mm
3 = 3.2 x 2.5 mm
5 = 5 x 3.2 mm
7 = 7 x 5 mm
A = ±100 ppm
B = ±50 ppm
C = ±25 ppm
D = ±20 ppm
L = -10 ~ +70°C
M = -20 ~ +70°C
N = -40 ~ +85°C
P = -40 ~ +105°C
Customer Specified
Very low RMS Jitter
Short Lead time
Pb Free/RoHS2 Compliant
MSL 1
Peak solder temp +260°C (10 sec)
+2.5


Similar Part No. - ECX-L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
ECX-LBL-1U BELDEN-ECX-LBL-1U Datasheet
134Kb / 2P
FX ECX I.D. Label 1U
11-14-2022
ECX-LBL-2U BELDEN-ECX-LBL-2U Datasheet
134Kb / 2P
FX ECX I.D. Label 2U
11-14-2022
ECX-LBL-4U BELDEN-ECX-LBL-4U Datasheet
230Kb / 2P
FX ECX Label 4U
11-14-2022
ECX-LOCKKIT BELDEN-ECX-LOCKKIT Datasheet
235Kb / 2P
FX ECX Mini Lock Kit
11-14-2022
More results

Similar Description - ECX-L

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9214 ACT-ACT9214 Datasheet
276Kb / 3P
LVDS OSCILLATOR
16/08/05
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_06 Datasheet
97Kb / 2P
3.3V LVDS Oscillator
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
LVDS Oscillator LVDS Output
CALZ-A5BP22.5792TS ETC2-CALZ-A5BP22.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
logo
Crystek Corporation
CCLD-023 CRYSTEKCRYSTAL-CCLD-023_15 Datasheet
85Kb / 3P
LVDS Clock Oscillator
CCLD-024 CRYSTEKCRYSTAL-CCLD-024_15 Datasheet
84Kb / 3P
LVDS Clock Oscillator
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_16 Datasheet
153Kb / 2P
3.3V LVDS Oscillator
logo
ECS, Inc.
ECX-H ECS-ECX-H Datasheet
597Kb / 3P
ECX-H HCMOS OSCILLATOR
ECX-P ECS-ECX-P Datasheet
575Kb / 3P
ECX-P LVPECL OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com