Electronic Components Datasheet Search
  English  ▼

X  

ECX-P Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECX-P
Description  ECX-P LVPECL OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-P Datasheet(HTML) 1 Page - ECS, Inc.

  ECX-P Datasheet HTML 1Page - ECS, Inc. ECX-P Datasheet HTML 2Page - ECS, Inc. ECX-P Datasheet HTML 3Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECSpressCON™
ECX-P LVPECL OSCILLATOR
ECX-P2 (2.5V) and ECX-P3 (3.3V) low jitter, low current
Frequency Configurable SMD crystal controlled oscillators.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-P2 (+2.5V)
ECX-P3 (+3.3V)
MIN
MIN
TYP
TYP
MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
Differential
Pin 1 **
Pin 1
12 KHz to 20 MHz band
Human Body Model
1
Au
3 kV Max.
VOH
VOL
Pin 1 = VIL
@ 50% VDD level
10% VDD to 90% level
@ +25°C (first year)
@ +25°C (first year)
Option C
Option D
10.0 to 100.0
100.1 to 250.0
250.1 to 500.0
500.1 to 1500.0
Option A
Option B
VDD
Standard
Extended (N Option)
Phase Jitter, rms
Absolute Voltage Range
Moisture Sensitivity Level
Termination Finish
ESD Sensitivity
Aging
Start-up Time
"1" level
"0" level
Input Current
Frequency Range
Operating Temperature
Storage Temperature
Supply Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Output Load
Output Enable
Output Disable
Disable Current
Output Enable Time
Output Disable Time
10.0
10.0
0
-40
-55
+2.375
MHz
°C
°C
°C
VDC
ppm
ppm
ppm
ppm
mA
mA
mA
mA
%
Vdd
Vdd
mA
ns
ns
V
V
pS
ppm
ms
pS
VDC
1500.0
+70
+85
+125
+2.625
± 100
1.0
+3.3
1.0
50
250
±2
10
+3.63
0
46
48
48
50
0.7%
150
+70
+85
+125
+3.465
± 100
± 50
± 25
± 20
55
1500.0
48/52
200
-40
-55
+3.135
0.7%
16
16
0.3%
0.3%
Vdd
-1.03V
Vdd
-1.85V
Vdd
-1.03V
Vdd
-1.85V
Vdd
-0.6V
Vdd
-1.6V
Vdd
-1.6V
Vdd
-0.6V
150
48/52
± 50
± 25
± 20
53
65
68
200
50
250
±2
10
+3.63
* Note: Inclusive of +25°C tolerance, operating temperature, input voltage change, load change, shock and vibration.
**Note: Internal pull-up resistor allows active output in pin 1 is left open.
Example ECX-P35BN-156.250
Part Number Guide
Series
Voltage
Package
Stability
Operating Temperature
Frequency
-
ECX-P
(LVPEL Output)
-
2 = +2.5V
3 = +3.3V
2 = 2.5 x 2 mm
3 = 3.2 x 2.5 mm
5 = 5 x 3.2 mm
7 = 7 x 5 mm
A = ±100 ppm
B = ±50 ppm
C = ±25 ppm
D = ±20 ppm
L = -10 ~ +70°C
M = -20 ~ +70°C
N = -40 ~ +85°C
P = -40 ~ +85°C
Customer Specified
Very low RMS Jitter
Short Lead time
Pb Free/RoHS2 Compliant
MSL 1
Peak solder temp +260°C (10 sec)
+2.5


Similar Part No. - ECX-P

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-.327-CDX-1293 ECS-ECX-.327-CDX-1293 Datasheet
588Kb / 2P
The ultra-minature ECX-.327-CDX-1293 is a very compact SMD
logo
Vecow Co., Ltd.
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-2R VECOW-ECX-1000-2R Datasheet
436Kb / 2P
ECX-1000, 2 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4G VECOW-ECX-1000-4G Datasheet
418Kb / 2P
ECX-1000, 4 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4R VECOW-ECX-1000-4R Datasheet
438Kb / 2P
ECX-1000, 4 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
More results

Similar Description - ECX-P

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
ACT9213 ACT-ACT9213 Datasheet
272Kb / 3P
LVPECL OSCILLATOR
16/08/05
ACTMPX11-6 ACT-ACTMPX11-6 Datasheet
163Kb / 3P
LVPECL Saw Oscillator
26/07/05
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
CAEZ-A5BP22.5792TS ETC2-CAEZ-A5BP22.5792TS Datasheet
52Kb / 1P
LVPECL Oscillator
logo
ECS, Inc.
ECX-H ECS-ECX-H Datasheet
597Kb / 3P
ECX-H HCMOS OSCILLATOR
ECX-L ECS-ECX-L Datasheet
671Kb / 3P
ECX-L LVDS OSCILLATOR
logo
Fox Electronics
O7PS FOX-O7PS Datasheet
210Kb / 4P
7x5mm LVPECL Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
LVPECL CRYSTAL OSCILLATOR
KOPM AITSEMI-KOPM Datasheet
241Kb / 1P
LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com