Electronic Components Datasheet Search
  English  ▼

X  

ECXV-L Datasheet(PDF) 2 Page - ECS, Inc.

Part # ECXV-L
Description  ECXV-L LVDS VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECXV-L Datasheet(HTML) 2 Page - ECS, Inc.

  ECXV-L Datasheet HTML 1Page - ECS, Inc. ECXV-L Datasheet HTML 2Page - ECS, Inc. ECXV-L Datasheet HTML 3Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECSpressCON™
ECXV-L LVDS VCXO
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
SSB
Phase
Noise
Data
(dBc/Hz
typical)
Package Data
Item
Description
Frequency
(offset)
Phase Jitter pS
12 KHz ~ 20 MHz, RMS
77.760 122.880 125.000 156.250
212.5
491.520 622.080
1000
1250
Phase Noise and Jitter Data (typical)
Phase Noise Plot of ECXV-L35B3N-77.760 (typical)
-64
-68
-63
-55
-62
-61
-48
-52
-42
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
1 MHz
5 MHz
-84
-99
-94
-85
-93
-86
-85
-82
-81
-118
-113
-113
-109
-105
-100
-101
-93
-93
-128
-119
-118
-116
-113
-105
-102
-97
-96
-137
-120
-119
-118
-115
-105
-103
-97
-97
-145
-140
-137
-139
-135
-126
-124
-116
-119
-152
0.9
0.8
1.1
0.9
1.0
1.1
1.2
1.5
1.1
-142
-146
-146
-143
-137
-133
-127
-129
Lid
Metal
Ceramic
Gold/Nickel
Surface/Under
Base
Plating



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com