Electronic Components Datasheet Search
  English  ▼

X  

EF1040FCT Datasheet(PDF) 2 Page - Formosa MS

Part # EF1040FCT
Description  Effciency Fast Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

EF1040FCT Datasheet(HTML) 2 Page - Formosa MS

  EF1040FCT Datasheet HTML 1Page - Formosa MS EF1040FCT Datasheet HTML 2Page - Formosa MS EF1040FCT Datasheet HTML 3Page - Formosa MS EF1040FCT Datasheet HTML 4Page - Formosa MS EF1040FCT Datasheet HTML 5Page - Formosa MS EF1040FCT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Package outline
Page 2
High current capability
Features
.
Low reverse leakage current
High surge capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
•
•
.
Suffix "-H" indicates Halogen free parts, ex. ΕF1005FCΤ-H.
•
•
•
•
•
•
•
•
Reverse recovery time less than 25ns
Dual rectifier construction, positive centetap, offers 5.0A
half wave and10.0A full wave rectification.
Low forward drop down voltage.
High reliability.
Formosa MS
10.0A Glass Passivated
Effcienct Fast Rectifiers-50-600V
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
EF1005FCT THRU EF1060FCT
Dimensions in inches and (millimeters)
ITO-220AB
0.406(10.3)
0.381(9.7)
0.134(3.4)
0.118(3.0)
0.606(15.4)
0.583(14.8)
0.272(6.9)
0.248(6.3)
1
2
3
0.161(4.1)MAX
0.548(13.9)
0.189(4.8)
0.165(4.2)
0.028(0.7)
0.019(0.50)
0.1(2.55)
PIN 1
PIN 3
PIN 2
0.130(3.3)
0.099(2.5)
0.032(0.8)MAX
0.512(13.0)
Mechanical data
Epoxy : UL94-V0 rated flame retardant
•
•
•
•
•
•
Case : JEDEC ITO-220AB molded plastic body over
passivated chip
Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
Polarity:
Mounting Position : Any
Weight : Approximated 1.70 gram
As marked
Effciency Fast Rectifiers
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage
at IF=5.0A
per leg
Maximum DC reverse current
at TJ =25 C
at TJ =125 C
°
°
at rated DC blocking voltage per leg
Electrical characteristics (AT T =25
A
oC unless otherwise noted)
Thermal characteristics
Maximum reverse recovery time
(Note 2)
per leg
Typical thermal resistance junction to case per leg
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
RθJC
trr
EF1005FCT
50
35
50
EF1010FCT
0.98
100
70
100
EF1020FCT
-55 to +150
-65 to +175
5.0
250
25
200
140
200
10.0
80
3.0
EF1040FCT
400
280
400
1.30
EF1060FCT
1.75
600
420
600
UNIT
°C
°C
UNIT
uA
uA
UNIT
°C/W
ns
V
V
V
A
A
V
Typical diode junction capacitance (Note 1)
CJ
30
pF
EF1005FCT
EF1010FCT
EF1020FCT EF1040FCT EF1060FCT
EF1005FCT
EF1010FCT
EF1020FCT EF1040FCT EF1060FCT
Note 1:
Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Note 2:
Measure at 1 MHz and applied reverse voltage of 4.0 V D.C.
DS-222529
2009/08/10
2015/07/06
D
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com