Electronic Components Datasheet Search
  English  ▼

X  

FE8A60 Datasheet(PDF) 2 Page - Formosa MS

Part # FE8A60
Description  Effciency Fast Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FE8A60 Datasheet(HTML) 2 Page - Formosa MS

  FE8A60 Datasheet HTML 1Page - Formosa MS FE8A60 Datasheet HTML 2Page - Formosa MS FE8A60 Datasheet HTML 3Page - Formosa MS FE8A60 Datasheet HTML 4Page - Formosa MS FE8A60 Datasheet HTML 5Page - Formosa MS FE8A60 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
Formosa MS
8.0A Effciency Fast Rectifiers-600V
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : JEDEC TO-220AC molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity:
• Mounting Position : Any
• Weight : Approximated
•
As marked
2.05grams
Document ID
Issued Date
Revised Date
Revision
Page.
Effciency Fast Rectifiers
Typical Diode junction capacitance
f=1MHz and applied 4V DC reverse voltage
nit
A
°C
A
V
V
V
V
uA
nit
U
U
FE8A60
–55 to +150
–55 to +150
FE8A60
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
600
420
600
2.0
8.0
100
5
Maximum ratings (AT T =25
A
oC unless otherwise noted)
ol
ol
TSTG
m
RRM
DC
Io
TJ
m
V
IR
b
MS
SM
b
F
V
V
y
R
V
IF
y
s
s
ve
a
@ IF=8.0A
-w
ine
s
Operating junction temperature range
lf
ha
Forward rectified current
at Rated DC blocking voltage TJ=125°C
ge
e
e
a
ingl
ag
o
s
lt
lt
arameter
r
v
s
vo
Storage temperature range
s
te
e
m
d
m
e
ge
w
e
r
.3
ar
t
TJ
=25°C
e
e
a
v
a
t 8
r
n
e
ar
r
olt
n
fo
rr
ea
ge
u
k
v
rr
s
cu
P
P
p
ing
eo
cu
e
e
lta
k
e
n
rs
iv
vo
oc
rg
ta
ve
RMS
eti
bl
su
an
re
t
DC
DC
p
d
st
re
ar
in
m
m
m
rw
m
m
m
m
m
m
m
u
u
u
fo
u
u
x
x
x
x
x
i
i
i
k
i
i
a
a
a
ea
a
a
M
M
M
P
M
M
pF
50
J
C
Maximum Reverse recovery time
test condition: IF=0.5A, IR=1.0A, IRR=0.25A
trr
ns
20
FE8A60
DS-222548
2013/12/04
-
A
6
200
°C
Features
High current capability.
• Low reverse leakage current.
High surge capability.
Lead-free parts meet RoHS requirments.
• Suffix "-H" indicates Halogen free parts, ex. FΕ8A60-H.
• Reverse recovery time less than 20ns
•
•
• Low forward drop down voltage.
• High reliability.
•
Package outline
Dimensions in inches and (millimeters)
0.139(3.55)
MIN
0.038(0.96)
0.019(0.50)
TO-220AC
0.419(10.66)
0.387(9.85)
0.624(15.87)
0.548(13.93)
0.269(6.85)
0.226(5.75)
0.177(4.50)MAX
0.50(12.70)MIN
0.196(5.00)
0.163(4.16)
0.1(2.54)
0.054(1.39)
0.045(1.15)
.025(0.65)MAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com