Electronic Components Datasheet Search
  English  ▼

X  

DS90C383 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C383
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C383 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C383 Datasheet HTML 1Page - National Semiconductor (TI) DS90C383 Datasheet HTML 2Page - National Semiconductor (TI) DS90C383 Datasheet HTML 3Page - National Semiconductor (TI) DS90C383 Datasheet HTML 4Page - National Semiconductor (TI) DS90C383 Datasheet HTML 5Page - National Semiconductor (TI) DS90C383 Datasheet HTML 6Page - National Semiconductor (TI) DS90C383 Datasheet HTML 7Page - National Semiconductor (TI) DS90C383 Datasheet HTML 8Page - National Semiconductor (TI) DS90C383 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DS90C383/DS90CF384
+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel
Display (FPD) Link—65 MHz,
+3.3V LVDS Receiver
24-Bit Flat Panel Display (FPD) Link—65 MHz
General Description
The DS90C383 transmitter converts 28 bits of LVCMOS/
LVTTL data into four LVDS (Low Voltage Differential Signal-
ing) data streams. A phase-locked transmit clock is transmit-
ted in parallel with the data streams over a fifth LVDS link.
Every cycle of the transmit clock 28 bits of input data are
sampled and transmitted. The DS90CF384 receiver con-
verts the LVDS data streams back into 28 bits of LVCMOS/
LVTTL data. At a transmit clock frequency of 65 MHz, 24 bits
of RGB data and 3 bits of LCD timing and control data
(FPLINE, FPFRAME, DRDY) are transmitted at a rate of 455
Mbps per LVDS data channel. Using a 65 MHz clock, the
data throughputs is 227 Mbytes/sec. The transmitter is of-
fered with programmable edge data strobes for convenient
interface with a variety of graphics controllers. The transmit-
ter can be programmed for Rising edge strobe or Falling
edge strobe through a dedicated pin. A Rising edge trans-
mitter will inter-operate with a Falling edge receiver
(DS90CF384) without any translation logic. Both devices are
also offered in a 64 ball, 0.8mm fine pitch ball grid array
(FBGA) package which provides a 44 % reduction in PCB
footprint compared to the TSSOP package.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n
20 to 65 MHz shift clock support
n
Programmable transmitter (DS90C383) strobe select
(Rising or Falling edge strobe)
n
Single 3.3V supply
n
Chipset (Tx + Rx) power consumption < 250 mW (typ)
n
Power-down mode (< 0.5 mW total)
n
Single pixel per clock XGA (1024x768) ready
n
Supports VGA, SVGA, XGA and higher addressability.
n
Up to 227 Megabytes/sec bandwidth
n
Up to 1.8 Gbps throughput
n
Narrow bus reduces cable size and cost
n
290 mV swing LVDS devices for low EMI
n
PLL requires no external components
n
Low profile 56-lead TSSOP package.
n
Also available in a 64 ball, 0.8mm fine pitch ball grid
array (FBGA) package
n
Falling edge data strobe Receiver
n
Compatible with TIA/EIA-644 LVDS standard
n
ESD rating >7kV
n
Operating Temperature: −40˚C to +85˚C
Block Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Typical Application
DS012887-2
November 2000
© 2000 National Semiconductor Corporation
DS012887
www.national.com


Similar Part No. - DS90C383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C383 TI1-DS90C383 Datasheet
410Kb / 22P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 TI2-DS90C383 Datasheet
811Kb / 30P
DS90C383/DS90CF384 3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
November 2000
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383AMTD NSC-DS90C383AMTD Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results

Similar Description - DS90C383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383BMTX TI1-DS90CF383BMTX Datasheet
958Kb / 16P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com