Electronic Components Datasheet Search
  English  ▼

X  

CD54HC597 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC597
Description  High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC597 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC597 Datasheet HTML 3Page - Texas Instruments CD54HC597 Datasheet HTML 4Page - Texas Instruments CD54HC597 Datasheet HTML 5Page - Texas Instruments CD54HC597 Datasheet HTML 6Page - Texas Instruments CD54HC597 Datasheet HTML 7Page - Texas Instruments CD54HC597 Datasheet HTML 8Page - Texas Instruments CD54HC597 Datasheet HTML 9Page - Texas Instruments CD54HC597 Datasheet HTML 10Page - Texas Instruments CD54HC597 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
MR to Q7
tPLH, tPHL
CL = 50pF
4.5
-
-
44
-
55
-
66
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance, (Notes 3, 4)
CPD
-
5
-
18.5
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD =CPD VCC
2 f
i + Σ (CL VCC
2 f
o) where: fi = Input Frequency, fo = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oCto85oC -55oC to 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC597, CD74HC597, CD74HCT597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com