Electronic Components Datasheet Search
  English  ▼

X  

OPA698ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698ID
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA698ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA698ID Datasheet HTML 9Page - Texas Instruments OPA698ID Datasheet HTML 10Page - Texas Instruments OPA698ID Datasheet HTML 11Page - Texas Instruments OPA698ID Datasheet HTML 12Page - Texas Instruments OPA698ID Datasheet HTML 13Page - Texas Instruments OPA698ID Datasheet HTML 14Page - Texas Instruments OPA698ID Datasheet HTML 15Page - Texas Instruments OPA698ID Datasheet HTML 16Page - Texas Instruments OPA698ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
OPA698
13
SBOS258D
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
TA = +25°C, G = +2, RF = 402Ω, and RL = 500Ω to VCM = +2.5V, VL = VCM – 1.2V, VH = VCM + 1.2V, unless otherwise noted.
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
1
10
100
400
Frequency (MHz)
3
0
–3
–6
–9
–12
–15
G = –1
G = –2
G = –5
V
O = 0.2VPP
R
F = 402Ω, RG Adjusted
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
2.70
2.65
2.60
2.55
2.50
2.45
2.40
2.35
2.30
G = +2
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
V
O = 2VPP
V
H = VCM + 1.2V
V
L = VCM – 1.2V
LARGE-SIGNAL FREQUENCY RESPONSE
1
10
100
400
Frequency (MHz)
9
6
3
0
–3
–6
V
O = 3VPP
V
H = VCM + 2V
V
L = VCM – 2V
V
O = 1VPP, VH = VCM + 1.2V,
V
L = VCM – 1.2V
V
O = 2VPP, VH = VCM + 1.5V,
V
L = VCM – 1.5V
See Figure 2
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
10
1
100
500
Frequency (MHz)
9
6
3
0
–3
–6
–9
–12
–15
V
O = 0.2VPP
See Figure 2
G = +1, R
F = 25Ω, RC = ∞
G =
±1, R
F = 25Ω,
R
C = 175Ω
G = +5, R
C = ∞
G = +2, R
C = ∞
V
H and VL—LIMITED PULSE RESPONSE
Time (5ns/div)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
V
H = VCM + 1.2V
V
L = VCM – 1.2V
V
IN
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com