Electronic Components Datasheet Search
  English  ▼

X  

OPA725 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA725
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA725 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA725 Datasheet HTML 2Page - Texas Instruments OPA725 Datasheet HTML 3Page - Texas Instruments OPA725 Datasheet HTML 4Page - Texas Instruments OPA725 Datasheet HTML 5Page - Texas Instruments OPA725 Datasheet HTML 6Page - Texas Instruments OPA725 Datasheet HTML 7Page - Texas Instruments OPA725 Datasheet HTML 8Page - Texas Instruments OPA725 Datasheet HTML 9Page - Texas Instruments OPA725 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±6V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100M
180
160
140
120
100
80
60
40
20
0
−20
180
160
140
120
100
80
60
40
20
0
−20
Gain
Phase
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
100
90
80
70
60
50
40
30
20
10
0
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
100M
140
120
100
80
60
40
20
COMMON−MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
(V
−) ≤ V
CM ≤ (V+) − 2V
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
7
6
5
4
3
2
1
0
V
S = ±6V
Indicates maximum output
for no visible distortion.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
1000
100
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com