Electronic Components Datasheet Search
  English  ▼

X  

CD54HC194 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC194
Description  High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC194 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC194 Datasheet HTML 1Page - Texas Instruments CD54HC194 Datasheet HTML 2Page - Texas Instruments CD54HC194 Datasheet HTML 3Page - Texas Instruments CD54HC194 Datasheet HTML 4Page - Texas Instruments CD54HC194 Datasheet HTML 5Page - Texas Instruments CD54HC194 Datasheet HTML 6Page - Texas Instruments CD54HC194 Datasheet HTML 7Page - Texas Instruments CD54HC194 Datasheet HTML 8Page - Texas Instruments CD54HC194 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
TRUTH TABLE
OPERATING
MODE
INPUTS
OUTPUT
CP
MR
S1
S0
DSR
DSL
Dn
Q0
Q1
Q2
Q3
Reset (Clear)
X
L
X
X
X
X
X
LLLL
Hold (Do Nothing)
X
H
l (Note 1)
l (Note 1)
X
X
X
q0
q1
q2
q3
Shift Left
↑
H
h
l (Note 1)
X
l
X
q1
q2
q3
L
↑
H
h
l (Note 1)
X
h
X
q1
q2
q3
H
Shift Right
↑
H
l (Note 1)
h
l
X
X
L
q0
q1
q2
↑
H
l (Note 1)
h
h
X
X
H
q0
q1
q2
Parallel Load
↑
Hh
h
X
X
dn
d0
d1
q2
d3
H = High Voltage Level,
h = High Voltage Level One Set-up Time Prior To The Low to High Clock Transition,
L = Low Voltage Level,
l = Low Voltage Level One Set-up Time Prior to the Low to High Clock Transition,
dn (qn) = Lower Case Letters Indicate the State of the Referenced Input (or output) One Set-up Time Prior to the Low To High Clock
Transition,
X = Don’t Care,
↑ = Transition from Low to High Level
NOTE:
1. The High-to-Low transition of the S0 and S1 Inputs on the ’HC194 and CD74HCT194 should take place only while CP is High for
Conventional Operation.
14
12
13
15
Q0
Q1
Q2
Q3
7
6
3
4
5
D0
D1
D2
D3
GND = 8
VCC = 16
2
9
10
1
11
DSL
DSR
S0
S1
MR
CP
CD54HC194, CD74HC194, CD74HCT194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com