Electronic Components Datasheet Search
  English  ▼

X  

TPS310312DVB Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS310312DVB
Description  ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS310312DVB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS310312DVB Datasheet HTML 8Page - Texas Instruments TPS310312DVB Datasheet HTML 9Page - Texas Instruments TPS310312DVB Datasheet HTML 10Page - Texas Instruments TPS310312DVB Datasheet HTML 11Page - Texas Instruments TPS310312DVB Datasheet HTML 12Page - Texas Instruments TPS310312DVB Datasheet HTML 13Page - Texas Instruments TPS310312DVB Datasheet HTML 14Page - Texas Instruments TPS310312DVB Datasheet HTML 15Page - Texas Instruments TPS310312DVB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004
www.ti.com
12
TIMING REQUIREMENTS AT RL = 1 MΩ, CL = 50 PF, TA = −40°C TO 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tt(out) Time-out period
at WDI
VDD ≥ 0.85 V
0.55
1.1
1.65
s
at VDD
VIH = 1.1 × VIT, VIL = 0.9 × VIT−, VIT− = 0.86 V
20
at MR
VDD ≥ VIT + 0.2 V, VIL = 0.3 × VDD,
VIH = 0.7 × VDD
0.1
tw
Pulse width
at SENSE
VDD ≥ VIT,
VIH = 1.1 × VIT−(S), VIL = 0.9 × VIT−(S)
20
µs
tw
Pulse width
at PFI
VDD ≥ 0.85 V,
VIH = 1.1 × VIT−(S),VIL = 0.9 × VIT−(S)
20
µs
at WDI
VDD ≥ VIT,VIL = 0.3 × VDD,
VIH = 0.7 × VDD
0.3
SWITCHING CHARACTERISTICS AT RL = 1 MΩ, CL = 50 PF, TA = −40°C TO 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
VDD ≥ 1.1 × VIT,
MR = 0.7
× VDD,
See timing diagram
65
130
195
ms
tPHL
Propagation delay time, high-to-low level output
VDD to RESET or
RSTVDD delay
VIH = 1.1 × VIT,
VIL = 0.9 × VIT
40
µs
tPLH
Propagation delay time, low-to-high level output
VDD to RESET or
RSTVDD delay
VIH = 1.1 × VIT,
VIL = 0.9 × VIT
40
µs
tPHL
Propagation delay time, high-to-low level output
SENSE to RESET or
RSTSENSE delay
VDD ≥ 0.8 V,
VIH = 1.1 × VIT,
VIL = 0.9 × VIT
40
µs
tPLH
Propagation delay time, high-to-low level output
SENSE to RESET or
RSTSENSE delay
VDD ≥ 0.8 V,
VIH = 1.1 × VIT,
VIL = 0.9 × VIT
40
µs
tPHL
Propagation delay time, high-to-low level output
PFI to PFO delay
VDD ≥ 0.8 V,
VIH = 1.1 × VIT,
VIL = 0.9 × VIT
40
µs
tPLH
Propagation delay time, low-to-high level output
PFI to PFO delay
VDD ≥ 0.8 V,
VIH = 1.1 × VIT,
VIL = 0.9 × VIT
300
µs
tPHL
Propagation delay time, low-to-high level output
MR to RESET.
RSTVDD,
RSTSENSE delay
VDD ≥ 1.1 × VIT,
VIL = 0.3 × VDD,
1
5
s
tPLH
Propagation delay time, low-to-high level output
MR to RESET.
RSTVDD,
RSTSENSE delay
DD
IT
VIL = 0.3 × VDD,
VIH = 0.7 × VDD
1
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com