Electronic Components Datasheet Search
  English  ▼

X  

RBC Datasheet(PDF) 1 Page - Bi technologies

Part # RBC
Description  Analog Turns Counting Dial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

RBC Datasheet(HTML) 1 Page - Bi technologies

  RBC Datasheet HTML 1Page - Bi technologies RBC Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-12
Model RB Series
MODEL RB SERIES
1-13/16” Diameter
Analog
Turns Counting Dial
MODEL
RBB
RB
RBC
RBD
RBJ
Counting Capacity, Maximum Turns
15
For Shaft Diameter
1/4”
For Bushing Diameter
1/2”
3/8”
Depth: Maximum, From Face of Panel
1.17”
1.020”
Shaft Extension:
Maximum, From Face of Panel
.937”
0.812”
Minimum, From Face of Panel
.703”
0.562”
Bushing Extension:
Maximum, From Face of Panel
.531”
0.406”
Locking Mechanism
Positive Action
Weight, Nominal
3.3 oz.
3.0 oz.
Number of Set Screws
1
2
Numeral Height
0.100”
Knob Material
Black Plastic
Dial Finish
Black Numerals on Satin Chrome
Housing Finish
Satin Chrome
Operating Temperature Range
–55°C to +71°C
Counting Capacity, Maximum Turns
15
For Shaft Diameter
1/4”
1/8”
For Bushing Diameter
3/8”
1/4”
Depth: Maximum, From Face of Panel
1.020”
Shaft Extension:
Maximum, From Face of Panel
0.812”
Minimum, From Face of Panel
0.562”
Bushing Extension:
Maximum, From Face of Panel
0.406”
0.297”
Locking Mechanism
Positive Action
Weight, Nominal
3.0 oz.
Number of Set Screws
1
Numeral Height
0.100”
Knob Material
Black Plastic
Dial Finish
White Numerals
Black Numerals
on Black Matte
on Satin Chrome
Housing Finish
Black Matte
Satin Chrome
Operating Temperature Range
–55°C to +71°C


Similar Part No. - RBC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
Quarter Brick, Regulated Bus Converters
RBC-12-D48NB-C MURATA-PS-RBC-12-D48NB-C Datasheet
353Kb / 10P
Quarter Brick, Regulated Bus Converters
RBC-12-D48PB-C MURATA-PS-RBC-12-D48PB-C Datasheet
353Kb / 10P
Quarter Brick, Regulated Bus Converters
logo
Murata Manufacturing Co...
RBC-12/17-D48 MURATA-RBC-12/17-D48 Datasheet
396Kb / 9P
Quarter Brick, Regulated Bus Converters
More results

Similar Description - RBC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
Turns-Counting Dial
H-506 BOURNS-H-506 Datasheet
28Kb / 1P
Turns-Counting Dial
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
Turns-Counting Dial
H-22 BOURNS-H-22_10 Datasheet
161Kb / 1P
Turns-Counting Dial
H-46 BOURNS-H-46_09 Datasheet
154Kb / 1P
Turns-Counting Dial
H-490 BOURNS-H-490_04 Datasheet
31Kb / 1P
Turns-Counting Dial
H22 BOURNS-H22_12 Datasheet
195Kb / 1P
Turns-Counting Dial
H-516 BOURNS-H-516 Datasheet
180Kb / 1P
Turns-Counting Dial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com