Electronic Components Datasheet Search
  English  ▼

X  

CM431 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM431
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM431 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CM431
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2003/03/24
Preliminary Rev.1.1
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperatures with TA = 25
°°°°C.
CM431
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
IK = 10mA, VKA = VREF ,0.5%
2.482
2.495
2.507
V
IK = 10mA, VKA = VREF ,0.7%
2.478
2.495
2.512
V
Reference Input Voltage
VREF
IK = 10mA, VKA = VREF ,1.0%
2.470
2.495
2.520
V
Reference Drift
IK = 10mA, VKA = VREF, 0
OC
≤ T
A
≤ 70 OC
4
17
mV
Voltage Ratio, Ref to Cathode
(note 4)
IK = 10mA, VKA = 2.5V to 36V
-1.4
-2.7
mV/V
IK = 10mA,VKA = VREF
2
4
Reference Input Current
IREF
IK = 10mA,VKA = VREF, 0
OC
≤ T
A
≤ 70 OC
2.3
µA
Minimum Operating Current
IMIN
VKA = VREF
0.4
1
mA
Off-State Cathode Current
IOFF
VKA = 36V, VREF = 0V
0.1
1
µA
Dynamic Impedance
|ZKA |
VKA = VREF, IK = 1mA to 100mA,
f
≤ 1kHz
0.2
0.5
Ω
Note 3: These parameters are guaranteed by design
VREF
Note 4:
VKA
Ratio of change in reference input voltage to the change in cathode voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com