Electronic Components Datasheet Search
  English  ▼

X  

PS45G Datasheet(PDF) 2 Page - Bi technologies

Part # PS45G
Description  Slide Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

PS45G Datasheet(HTML) 2 Page - Bi technologies

  PS45G Datasheet HTML 1Page - Bi technologies PS45G Datasheet HTML 2Page - Bi technologies PS45G Datasheet HTML 3Page - Bi technologies PS45G Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model PSxxG
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
December 7, 2009
page 2 of 4
BI technologies
ORDERING INFORMATION2
Model PSxxG
Lever Types & Length
* Dust Cover option not offered for levers less than 10 mm in length
2
Contact our customer service for custom designs and features.
STANDARD RESISTANCE VALUES, OHMS
10K
20K
50K
100K
200K
500K
1 MEG
PS45G – D 1 S B R100K N
Model Style
Total Resistance
Lever Type:
See Below
Tapers:
A = Audio
B = Linear
C = Reverse Audio
PCB Layout : S , L
See Drawing
Lever Length:
See “L” Code
Below
Travel in millimeters
45, 60
Dust Cover *
Blank = with Dust Cover
N = without Dust Cover



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com