Electronic Components Datasheet Search
  English  ▼

X  

DS90CF363AMTD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF363AMTD
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363AMTD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CF363AMTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363AMTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
TCIT
TxCLK IN Transition Time
(Figure 5 )
5ns
TCIP
TxCLK IN Period
(Figure 6 )
14.7
T
55.6
ns
TCIH
TxCLK IN High Time
(Figure 6 )
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time
(Figure 6 )
0.35T
0.5T
0.65T
ns
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time
(Figure 4 )
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time
(Figure 4 )
0.75
1.5
ns
TPPos0
Transmitter Output Pulse Position for Bit 0
(Figure 11 ) (Note 5)
f = 65 MHz
−0.30
0
0.20
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
1.90
2.20
2.40
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
4.10
4.40
4.60
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
6.30
6.60
6.80
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.50
8.80
9.00
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.70
11.00
11.20
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.90
13.20
13.40
ns
TPPos0
Transmitter Output Pulse Position for Bit 0
(Figure 11 ) (Note 5)
f = 40 MHz
−0.35
0
0.35
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
3.22
3.57
3.92
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
6.79
7.14
7.49
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
10.36
10.71
11.06
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
13.93
14.28
14.63
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
17.51
17.86
18.21
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
21.08
21.43
21.78
ns
TPPos0
Transmitter Output Pulse Position for Bit 0
(Figure 11 ) (Note 5)
f = 32.5
MHz
−0.40
0
0.40
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
4.00
4.40
4.80
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
8.40
8.80
9.20
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
12.80
13.20
13.60
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
17.20
17.60
18.00
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
21.60
22.00
22.40
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
26.00
26.40
26.80
ns
TSTC
TxIN Setup to TxCLK IN
(Figure 6 )
2.5
ns
THTC
TxIN Hold to TxCLK IN
(Figure 6 )
0ns
TCCD
TxCLK IN to TxCLK OUT Delay
(Figure 7 ) T
A=25˚C, VCC=3.3V
3
5.5
ns
TxCLK IN to TxCLK OUT Delay
(Figure 7 )
3
7.0
ns
TJCC
Transmitter Jitter Cycle-to-Cycle
(Figures 12, 13 ) (Note 6)
f = 65 MHz
175
225
ps
f = 40 MHz
240
380
ps
f = 32.5
MHz
260
400
ps
TPLLS
Transmitter Phase Lock Loop Set
(Figure 8 )
10
ms
TPDD
Transmitter Power Down Delay
(Figure 10 )
100
ns
Note 5: The Minimum and Maximum Limits are based on statistical analysis of the device performance over process, voltage, and temperature ranges. This param-
eter is functionality tested only on Automatic Test Equipment (ATE).
Note 6: The Limits are based on statistical analysis of the device performance over process, voltage, and temperature ranges. Output jitter is measured with a cycle-
to-cycle jitter of 3ns applied to the input clock signal. A jitter event of 3ns, represents worse case jump in the clock edge from most Graphics controller VGA chips
currently available. This parameter is used when calculating system margin (RSKM). See Figures 12, 13 and AN-1059.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com