Electronic Components Datasheet Search
  English  ▼

X  

PS20M Datasheet(PDF) 2 Page - Bi technologies

Part # PS20M
Description  Slide Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

PS20M Datasheet(HTML) 2 Page - Bi technologies

  PS20M Datasheet HTML 1Page - Bi technologies PS20M Datasheet HTML 2Page - Bi technologies PS20M Datasheet HTML 3Page - Bi technologies PS20M Datasheet HTML 4Page - Bi technologies PS20M Datasheet HTML 5Page - Bi technologies PS20M Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Model PSxxM
/PSxxL
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
March 19, 2012
page 2 of 6
BI technologies
ORDERING INFORMATION2
Model PSxxM (Without LED)
Model PSxxL (With LED)
2
Contact our customer service for custom designs and features.
STANDARD RESISTANCE VALUES, OHMS
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1 MEG
PS30M – 0 P C 1 F B R100K N
Model Style
Total Resistance
Detent
0 = Without
1 = Center
Lever Material:
P = Plastic
M = Metal
Lever Type:
See Below
Tapers: See Below
A = Audio
B = Linear (3B taper for Dual Gang)
C = Reverse Audio
L = Linear (Dual Gang Only)
Frame Option:
Blank = Without
F = With
Lever Length:
See “L” Code
Below
Travel in millimeters
20, 30, 45, 60
PS45L – R 0 1 F B R100K N
Model Style
Total Resistance
Detent
0 = Without
1 = Center
Tapers: See Below
A = Audio
B = Linear (See “L” Taper graph)
C = Reverse Audio
Frame Option:
Blank = Without
F = With
Lever Length:
1 = 15mm
2 = 19mm
LED Color:
R = Red
G = Orange
Y = Yellow
N = Green
Travel in millimeters
20, 30, 45, 60
Dust Cover
*
Blank = with Dust Cover
N = without Dust Cover
Dust Cover
*
Blank = with Dust Cover
N = without Dust Cover



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com