Electronic Components Datasheet Search
  English  ▼

X  

PS20 Datasheet(PDF) 1 Page - Bi technologies

Part # PS20
Description  Slide Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

PS20 Datasheet(HTML) 1 Page - Bi technologies

  PS20 Datasheet HTML 1Page - Bi technologies PS20 Datasheet HTML 2Page - Bi technologies PS20 Datasheet HTML 3Page - Bi technologies PS20 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model PSxx
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
December 3, 2009
page 1 of 4
BI technologies
Slide Potentiometer
100,000 Cycle Life
Metal/Plastic Lever
RoHS Compliant
MODEL STYLE
Single Gang
PSxx-1
Dual Gang
PSxx-2
ELECTRICAL1
Resistance Range, Ohms
500 -1M
Standard Resistance Tolerance
± 20%
Resistance Tapers
A,B,C
Residual Resistance
Terminals 1 to 2:Less than 10 ohms
Terminals 2 to 3:Less than 30 ohms
Input Voltage, Maximum
Linear B taper: 200 Vac
Other tapers: 150 Vac
Power rating, Watts (Single Unit
/ Dual Unit)
Linear B taper: 20mm: 0.1W / 0.05W, 30mm: 0.2W / 0.1W
45mm: 0.25W / 0.125W, 60mm:0.2W / 0.2W
Other tapers: 20mm: 0.05W / 0.025W, 30mm: 0.1W / 0.05W
45mm: 0.125W / 0.06W, 60mm:0.1W / 0.1W
Dielectric Strength
300Vac, 1 minute
Insulation Resistance, Minimum
100M ohms at 250Vdc/ 1 minute
Sliding Noise
Less than 100mV
Gang Error
±3dB (-40dB to 0dB)
MECHANICAL
Static Stop Strength, Minimum
5.0 Kgf/cm
Operating Force
10gf to 100gf
Detent Slip-out force
30gf to 200gf
DURABILITY
Sliding Life
100,000 cycles
1
Specifications subject to change without notice.


Similar Part No. - PS20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS20 VISHAY-PS20 Datasheet
89Kb / 3P
Plate Capacitors with Contoured Rim - Class 2 Ceramic
14-Aug-02
PS20 VISHAY-PS20 Datasheet
96Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
14-Aug-02
logo
Elektron Components Ltd...
PS20 BULGIN-PS20 Datasheet
85Kb / 1P
Accessories
logo
TT Electronics.
PS20-1 TTELEC-PS20-1 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
logo
Copal Electronics
PS20-102V-NM COPAL-PS20-102V-NM Datasheet
708Kb / 3P
PRESSURE SWITCHES
More results

Similar Description - PS20

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com