Electronic Components Datasheet Search
  English  ▼

X  

P270 Datasheet(PDF) 4 Page - Bi technologies

Part # P270
Description  27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P270 Datasheet(HTML) 4 Page - Bi technologies

  P270 Datasheet HTML 1Page - Bi technologies P270 Datasheet HTML 2Page - Bi technologies P270 Datasheet HTML 3Page - Bi technologies P270 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model P270/271/272
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
July 24, 2014
page 4 of 4
BI technologies
Model 271 (Center Tap)
MIN
.125
.250
+.000
-.002
.562
.031
.109
.016
M
L
1.050
.125
.018
.015
.546
.015
.875
.031
.078
.047
.875
.031
.394
.158
.512
()
1.4
PANEL LAYOUT
3/8-32 NEF-2A
THREAD
MARKING
3x
.057 x .088
SLOT
CENTER TAP
TERMINAL
Model 272 (Dual gang)
.394
2x
.158
.512
.078
.010
.047
L
.562
.016
.109
.016
MIN
.125
.250
+.000
-.002
1.050
.016
.125
.018
.015
.546
.015
.875
.031
2x 20
5
M
.582
1.161±.016
()
1.4
PANEL LAYOUT
3/8-32 NEF-2A
THREAD
MARKING
3x
SLOT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com