Electronic Components Datasheet Search
  English  ▼

X  

P272 Datasheet(PDF) 2 Page - Bi technologies

Part # P272
Description  27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P272 Datasheet(HTML) 2 Page - Bi technologies

  P272 Datasheet HTML 1Page - Bi technologies P272 Datasheet HTML 2Page - Bi technologies P272 Datasheet HTML 3Page - Bi technologies P272 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model P270/271/272
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345 Website: www.bitechnologies.com
July 24, 2014
page 2 of 4
BI technologies
ORDERING INFORMATION2
Shaft Types
F-TYPE Shaft – Bushing Combinations
Shaft Length (L)
Bushing Length (M)
Flat Length (T)
(1) = .625
(1) = .250
.315
(1) = .625
(2) = .375
.180
(1) = .625
(3) = .500
Not Available
(2) = .875
(3) = .500
.315
All Other
Combinations
.375
STANDARD RESISTANCE VALUES, OHMS
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
2
Contact our customer service for custom designs and features.
P270 – S P 2 2 B R100K
Model Series
Total Resistance
Shaft Type: see below
Bushing Length (M)
1= .250”
2 =.375”
3 = .500”
Shaft Length (L)
1 = .625”
2 = .875”
3 = 1.000”
4 = 2.000”
Seal Type
S = Sealed
D = Dust proof
Taper
A = Audio
B = Linear
C = Reverse Audio



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com