Electronic Components Datasheet Search
  English  ▼

X  

CS8406-CZ Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8406-CZ
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CZ Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8406-CZ Datasheet HTML 29Page - Cirrus Logic CS8406-CZ Datasheet HTML 30Page - Cirrus Logic CS8406-CZ Datasheet HTML 31Page - Cirrus Logic CS8406-CZ Datasheet HTML 32Page - Cirrus Logic CS8406-CZ Datasheet HTML 33Page - Cirrus Logic CS8406-CZ Datasheet HTML 34Page - Cirrus Logic CS8406-CZ Datasheet HTML 35Page - Cirrus Logic CS8406-CZ Datasheet HTML 36Page - Cirrus Logic CS8406-CZ Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
CS8406
DS580F1
33
The channel status block pin (TCBL) may be an input or an output, determined by the state of
the TCBLD pin.
10.2 Serial Audio Port
The serial audio input port data format is selected as shown in Table 3, and may be set to master
or slave by the state of the APMS input pin. The OMCK clock ratio is selected as shown in
Table 4. Table 5 describes the equivalent software mode, bit settings for each of the available for-
mats. Timing diagrams are shown in Figure 7.
COPY/C
ORIG
Function
00
PRO=0, COPY=0, L=0 copyright
01
PRO=0, COPY=0, L=1 copyright, pre-recorded
10
PRO=0, COPY=1, L=0 non-copyright
11
PRO=1
Table 2. Hardware Mode COPY/C and ORIG pin functions
SFMT1
SFMT0
Function
00
Serial Input Format IF1 - Left Justified
01
Serial Input Format IF2 - I²S
10
Serial Input Format IF3 - Right Justified, 24-bit data
11
Serial Input Format IF4 - Right Justified, 16-bit data
Table 3. Hardware Mode Serial Audio Port Format Selection
HWCK1
HWCK0
Function
00
OMCK Frequency is 256*Fs
01
OMCK Frequency is 128*Fs
10
OMCK Frequency is 512*Fs
11
OMCK Frequency is 256*Fs
Table 4. Hardware Mode OMCK Clock Ratio Selection
SISF
SIRES1/0
SIJUST
SIDEL
SISPOL
SILRPOL
IF1 - Left Justified
0
00
0
0
0
0
IF2 - I²S
0
00
0
1
0
1
IF3 - Right Justified, 24-bit data
0
00
1
0
0
0
IF4 - Right Justified, 16-bit data
0
10
1
0
0
0
Table 5. Equivalent Register Settings of Serial Audio Input Formats Available in Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com