Electronic Components Datasheet Search
  English  ▼

X  

CS8406-DZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8406-DZ
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-DZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS8406-DZ Datasheet HTML 1Page - Cirrus Logic CS8406-DZ Datasheet HTML 2Page - Cirrus Logic CS8406-DZ Datasheet HTML 3Page - Cirrus Logic CS8406-DZ Datasheet HTML 4Page - Cirrus Logic CS8406-DZ Datasheet HTML 5Page - Cirrus Logic CS8406-DZ Datasheet HTML 6Page - Cirrus Logic CS8406-DZ Datasheet HTML 7Page - Cirrus Logic CS8406-DZ Datasheet HTML 8Page - Cirrus Logic CS8406-DZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
www.cirrus.com
CS8406
192 kHz Digital Audio Interface Transmitter
Features
Complete EIAJ CP1201, IEC-60958, AES3,
S/PDIF compatible transmitter
+3.3 V or 5.0 V Digital Supply (VD)
+3.3 V or 5.0 V Digital Interface (VL)
On-chip Channel Status and User bit buffer
memories allow block sized updates
Flexible 3-wire serial digital audio input port
Up to 192 kHz frame rate
Microcontroller write access to Channel
Status and User bit data
On-chip differential line driver
Generates CRC codes and parity bits
Standalone mode allows use without a
microcontroller
28-pin SOIC/TSSOP package
General Description
The CS8406 is a monolithic CMOS device which en-
codes and transmits audio data according to the AES3,
IEC60958, S/PDIF, or EIAJ CP1201. The CS8406 ac-
cepts audio and digital data, which is then multiplexed,
encoded and driven onto a cable.
The audio data is input through a configurable, 3-wire
input port. The channel status and user bit data are input
through an SPI or I²C microcontroller port, and may be
assembled in block sized buffers. For systems with no
microcontroller, a stand alone mode allows direct ac-
cess to channel status and user bit data pins.
Target applications include A/V Receivers, CD-R, DVD
receivers, digital mixing consoles, effects processors,
set-top boxes, and computer and automotive audio
systems.
ORDERING INFORMATION
CS8406-CS
28-pin SOIC
-10 to +70°C
CS8406-CZ
28-pin TSSOP
-10 to +70°C
CS8406-IS
28-pin SOIC
-40 to +85°C
CS8406-IZ
28-pin TSSOP
-40 to +85°C
CS8406-DS
28-pin SOIC
-40 to +85°C
CS8406-DZ
28-pin TSSOP
-40 to +85°C
CDB84
16
Evaluation Board
I
Serial
Audio
Input
Misc.
Control
AES3
S/PDIF
Encoder
C& U bit
Data
Buffer
Control
Port &
Registers
Output
Clock
Generator
RXP
ILRCK
ISCLK
SDIN
TXP
TXN
RST
OMCK
USDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
INT
VL
GND
Driver
AD2
H/S
VD
TCBL
JUL ‘04
DS580F1


Similar Part No. - CS8406-DZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8406-DZZ CIRRUS-CS8406-DZZ Datasheet
306Kb / 42P
192 kHz Digital Audio Interface Transmitter
CS8406-DZZ CIRRUS-CS8406-DZZ Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
CS8406-DZZR CIRRUS-CS8406-DZZR Datasheet
306Kb / 42P
192 kHz Digital Audio Interface Transmitter
CS8406-DZZR CIRRUS-CS8406-DZZR Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
More results

Similar Description - CS8406-DZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
STMicroelectronics
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
logo
Cirrus Logic
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
192 kHz Digital Audio Interface Transmitter
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
26-Apr-2010
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com