Electronic Components Datasheet Search
  English  ▼

X  

SN74LS273 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS273
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS273 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LS273 Datasheet HTML 1Page - Texas Instruments SN74LS273 Datasheet HTML 2Page - Texas Instruments SN74LS273 Datasheet HTML 3Page - Texas Instruments SN74LS273 Datasheet HTML 4Page - Texas Instruments SN74LS273 Datasheet HTML 5Page - Texas Instruments SN74LS273 Datasheet HTML 6Page - Texas Instruments SN74LS273 Datasheet HTML 7Page - Texas Instruments SN74LS273 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN54273, SN54LS273, SN74273, SN74LS273
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SDLS090 – OCTOBER 1976 – REVISED MARCH 1988
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
VCC
EQUIVALENT OF EACH INPUT
INPUT
Req
′273
Clear: Req = 3 kΩ NOM
Clock: Req = 6 kΩ NOM
All other inputs: Req = 8 kΩ NOM
VCC
TYPICAL OF ALL OUTPUTS
100
Ω
NOM
OUTPUT
VCC
EQUIVALENT OF EACH INPUT
INPUT
20 k
Ω
NOM
′LS273
VCC
TYPICAL OF ALL OUTPUTS
120
Ω NOM
OUTPUT
logic diagram (positive logic)
11
CLOCK
1
CLEAR
1D
1Q
R
C1
1D
1D
C1
R
2Q
2D
1D
C1
R
3Q
3D
1D
C1
R
4Q
4D
1D
C1
R
5Q
5D
1D
C1
R
6Q
6D
1D
C1
R
7Q
7D
1D
C1
R
8Q
8D
2
34
5
7
6
8
9
13
12
14
15
17
16
18
19
Pin numbers shown are for the DW, J, N, and W packages.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com