Electronic Components Datasheet Search
  English  ▼

X  

SFR201 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SFR201
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SFR201 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SFR201 Datasheet HTML 1Page - Diode Semiconductor Korea SFR201 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
10
.1
.4
1.0
2
100
200
4
10
20 40
100
f=1MHz
TJ=25
trr
-1.0A
-0.25A
0
+0.5A
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+)
0.5 0.6
TJ=25
Pulse Width=300
µS
0.4
0.04
0.01
0.02
0.06
0.1
0.2
2
1.0
4
100
10
0.8
1.0
1.2
1.4
1.6
1.8
0
1
12
24
36
60
72
48
100
4
20
60
10
68
TJ=125
8.3ms Single Half
Sine-Wave
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
0.5
1.0
1.5
2.0
2.5
25
75
125
100
150
175
50
0
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
SETTIMEBASEFOR50/100 ns /cm
FIG.5 -- REVERSE RECOVERYTIME CHARACTERISTICAND TEST CIRCUIT DIAGRAM
NUMBER OF CYCLES AT60 Hz
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- FORWARDDERATING CURVE
FIG.2--PEAKFORWARD SURGECURRENT
FIG.4 --TYPICAL FORWARD CHARACTERISTIC
REVERSE VOLTAGE,VOLTS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
AMBIENTTEMPERATURE,
FIG.3--TYPICAL JUNCTION CAPACITANCE
SFR201---SFR207
40
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com