Electronic Components Datasheet Search
  English  ▼

X  

TLC272CP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272CP
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC272CP Datasheet(HTML) 2 Page - Texas Instruments

  TLC272CP Datasheet HTML 1Page - Texas Instruments TLC272CP Datasheet HTML 2Page - Texas Instruments TLC272CP Datasheet HTML 3Page - Texas Instruments TLC272CP Datasheet HTML 4Page - Texas Instruments TLC272CP Datasheet HTML 5Page - Texas Instruments TLC272CP Datasheet HTML 6Page - Texas Instruments TLC272CP Datasheet HTML 7Page - Texas Instruments TLC272CP Datasheet HTML 8Page - Texas Instruments TLC272CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
CHIP
FORM
(Y)
500
µV
TLC277CD
—
—
TLC277CP
—
—
0
°Cto70°c
500
µV
2 mV
TLC277CD
TLC272BCD
—
—
—
—
TLC277CP
TLC272BCP
—
—
—
—
0
°C to 70°c
2 mV
5 mV
TLC272BCD
TLC272ACD
—
—
TLC272BCP
TLC272ACP
—
—
5 mV
10mV
TLC272ACD
TLC272CD
—
—
TLC272ACP
TLC272CP
TLC272CPW
TLC272Y
500
µV
TLC277ID
—
—
TLC277IP
—
—
40
°Cto85°C
500
µV
2 mV
TLC277ID
TLC272BID
—
—
—
—
TLC277IP
TLC272BIP
—
—
—
—
– 40
°C to 85°C
2 mV
5 mV
TLC272BID
TLC272AID
—
—
TLC272BIP
TLC272AIP
—
—
5 mV
10 mV
TLC272AID
TLC272ID
—
—
TLC272AIP
TLC272IP
—
—
The D package is available taped and reeled. Add R suffix to the device type (e.g., TLC277CDR).
In general, many features associated with bipolar technology are available on LinCMOS
 operational amplifiers
without the power penalties of bipolar technology. General applications such as transducer interfacing, analog
calculations, amplifier blocks, active filters, and signal buffering are easily designed with the TLC272 and
TLC277. The devices also exhibit low voltage single-supply operation, making them ideally suited for remote
and inaccessible battery-powered applications. The common-mode input voltage range includes the negative
rail.
A wide range of packaging options is available, including small-outline and chip carrier versions for high-density
system applications.
The device inputs and outputs are designed to withstand –100-mA surge currents without sustaining latch-up.
The TLC272 and TLC277 incorporate internal ESD-protection circuits that prevent functional failures at voltages
up to 2000 V as tested under MIL-STD-883C, Method 3015.2; however, care should be exercised in handling
these devices as exposure to ESD may result in the degradation of the device parametric performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of – 55
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com