Electronic Components Datasheet Search
  English  ▼

X  

DRV103U Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV103U
Description  PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV103U Datasheet(HTML) 1 Page - Texas Instruments

  DRV103U Datasheet HTML 1Page - Texas Instruments DRV103U Datasheet HTML 2Page - Texas Instruments DRV103U Datasheet HTML 3Page - Texas Instruments DRV103U Datasheet HTML 4Page - Texas Instruments DRV103U Datasheet HTML 5Page - Texas Instruments DRV103U Datasheet HTML 6Page - Texas Instruments DRV103U Datasheet HTML 7Page - Texas Instruments DRV103U Datasheet HTML 8Page - Texas Instruments DRV103U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PWM LOW-SIDE DRIVER (1.5A and 3A)
for Solenoids, Coils, Valves, Heaters, and Lamps
FEATURES
q HIGH OUTPUT DRIVE: 1.5A and 3A Versions
q WIDE SUPPLY RANGE: +8V to +32V
q COMPLETE FUNCTION
Digitally Controlled Input
PWM Output
Adjustable Internal Oscillator: 500Hz to 100kHz
Adjustable Delay and Duty Cycle
q FULLY PROTECTED
Thermal and Current Limit Shutdown with
Status OK Indicator Flag
q PACKAGES: SO-8 and PowerPAD™ SO-8
APPLICATIONS
q ELECTROMECHANICAL DRIVER:
Solenoids, Valves, Positioners, Actuators,
Relays, Power Contactor Coils, Heaters, Lamps
q HYDRAULIC AND PNEUMATICS SYSTEMS
q PART HANDLERS AND SORTERS
q CHEMICAL PROCESSING
q ENVIRONMENTAL MONITORING AND HVAC
q THERMOELECTRIC COOLERS
q DC MOTOR SPEED CONTROLS
q MEDICAL AND SCIENTIFIC ANALYZERS
q FUEL INJECTOR DRIVERS
DESCRIPTION
The DRV103 is a low-side DMOS power switch employing
a pulse-width modulated (PWM) output. Its rugged design is
optimized for driving electromechanical devices such as
valves, solenoids, relays, actuators, motors, and positioners.
The DRV103 is also ideal for driving thermal devices such
as heaters, coolers, and lamps. PWM operation conserves
power and reduces heat rise, resulting in higher reliability. In
addition, adjustable PWM allows fine control of the power
delivered to the load. DC-to-PWM output delay time and
oscillator frequency are also externally adjustable.
The DRV103 can be set to provide a strong initial closure,
automatically switching to a “soft” hold mode for power
savings. A resistor, analog voltage, or Digital-to-Analog
(D/A) converter can control the duty cycle. An output OK flag
indicates when thermal shutdown or over current occurs.
Two packages provide a choice of output current:
1.5A (SO-8) or 3A (PowerPAD™ SO-8 with exposed metal
heat sink).
The DRV103 is specified for –40
°C to +85°C.
Delay
Adj
C
D
R
PWM
Input
On
Off
Thermal Shutdown
Over Current
Status OK
Flag
Load
+V
S
Oscillator
V
REF
PWM
GND
OUT
Flyback
Diode
DMOS
DMOS
ESD
Osc Freq
Adj
Duty Cycle
Adj
R
FREQ
Delay
DRV103
DRV103
SBVS029A – JUNE 2001
www.ti.com
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
DRV1
03
DRV1
03


Similar Part No. - DRV103U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV103U BURR-BROWN-DRV103U Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103U TI-DRV103U Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A)
logo
Burr-Brown (TI)
DRV103U/2K5 BURR-BROWN-DRV103U/2K5 Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103U/2K5G4 BURR-BROWN-DRV103U/2K5G4 Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103U2K5 TI-DRV103U2K5 Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A)
More results

Similar Description - DRV103U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Toshiba Semiconductor
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
logo
Burr-Brown (TI)
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103UG4 TI-DRV103UG4 Datasheet
1Mb / 24P
PWM LOW-SIDE DRIVER (1.5A and 3A)
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV110A-Q1 TI1-DRV110A-Q1 Datasheet
831Kb / 21P
120- and 230-V AC, 6- to 48-V DC Current Controller for Solenoids, Relays, and Valves
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com