Electronic Components Datasheet Search
  English  ▼

X  

DTTI5516 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DTTI5516
Description  Single module demodulator and decoder IC for digital video set-top boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTTI5516 Datasheet(HTML) 2 Page - STMicroelectronics

  DTTI5516 Datasheet HTML 1Page - STMicroelectronics DTTI5516 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DTTi5516
2/2
Features
■ Enhanced ST20 32-bit VL-RISC CPU
●
180 MHz, 8 Kbyte instruction cache, 8 Kbyte data
cache and 8 Kbyte SRAM
■ Memory interfaces
●
121 MHz shared memory interface,16-bit wide
SDRAM interface, 64 and 128 Mbit support
●
SRAM, SDRAM, SFlash support
■ Programmable transport interfaces (PTI)
●
Integrated DES-ECB, DVB and ICAM descramblers
●
Support for low cost DVB-CI interface
■ MPEG2 MP@ML video decoder
●
Greater than 2x decoding speed
●
Trick modes including smooth fast-forward and rewind
●
Fully programmable horizontal and vertical SRCs
■ Graphics/display
●
5 display planes
●
2, 4 and 8 bpp CLUT graphics, 256 x 30 bits (AYCbCr)
CLUT entries
●
RGB16 support
■ Audio subsystem
●
MPEG-1 layers I/II decoding (MP3 option)
●
Dolby® Digital 5.1 decoding downmixed to 2-channels
●
Dolby Pro Logic® compatible output
●
PCM mixing and sample rate conversion
●
SRS/TruSurround® virtual surround sound
■ On-chip peripherals
●
5 ASCs (UARTs) with Tx and Rx FIFOs
●
6 x 8-bit banks of parallel I/O
●
2 smartcard interfaces and clock generators
●
2 SSCs for I²C master/slave interface
●
4 PWM channels
●
Teletext serializer and DMA module
●
Multi-channel infrared transmitter/receiver
●
Modem analog front-end interface
●
IEEE1284 interface
●
Low-power / RTC / watchdog controller
■ DVB-T decoding and NorDig II compliant
●
Single frequency network (SFN) compatible
●
Adjacent channel interference canceller (ACI)
●
Excellent static and dynamic (Doppler) performance
●
Automatic guard interval and mode detection
●
Accepts 6, 7 and 8 MHz channel bandwidths
●
Lock indicators and general-purpose I/O pins
●
Supports 2K, 8K modes
●
Supports QPSK, 16, 64 QAM constellations
●
1/4, 1/8, 1/16, 1/32 guard intervals
●
Supports hierarchical and non-hierarchical modes
Ordering information
Salestype
Description
STi5516-DVB
Reference software drivers
DTTi5516-Brick
Development platform
DTTi5516xWC
IC reference
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
All other names are the property of their respective owners
© 2004 STMicroelectronics - All Rights Reserved
STMicroelectronics Group of Companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy
Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
www.st.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com