Electronic Components Datasheet Search
  English  ▼

X  

E5530 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # E5530
Description  128-bit Read-only IDIC for RF Identification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

E5530 Datasheet(HTML) 4 Page - ATMEL Corporation

  E5530 Datasheet HTML 1Page - ATMEL Corporation E5530 Datasheet HTML 2Page - ATMEL Corporation E5530 Datasheet HTML 3Page - ATMEL Corporation E5530 Datasheet HTML 4Page - ATMEL Corporation E5530 Datasheet HTML 5Page - ATMEL Corporation E5530 Datasheet HTML 6Page - ATMEL Corporation E5530 Datasheet HTML 7Page - ATMEL Corporation E5530 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
e5530
4508B–RFID–02/02
Reading Distances
The e5530 is able to operate from very weak fields. Nevertheless, there are some
general rules which influence the achievable reading distance.
•
Best results are accomplished when the transponder points towards the reader coil.
•
The transponder should not be embedded in metal, which will reduce the applicable
magnetic field and thus the reading distance.
•
The strength of the generated magnetic field and the sensitivity of the demodulator
are the most important factors for a good reading distance.
Figure 6. Example for a 64-bit Code
The identification code is transmitted continously. After the RF field is applied, the
e5530H-232 starts with the first bit (MSB) of the header byte ’E6hex’ (’1110 0110’),
followed by a unique 56-bit serial number. No checksum is included in this sample code.
Pulsing the RF field may reduce the synchronization task as the first byte transmitted is
known already (i.e., E6hex). This is even feasible, if the first bit may be lost due to
reader synchronization problems.
Customer ID Code
Selection
In general the customer may choose any ID code suitable to his application. To avoid
code duplication, Atmel will define a fixed header – i.e, the first 8 bits of the code – for
each customer.
Modes of Operation –
Options
For any new product variant, the customer has to select the following operation options
which are configured in the laser ROM as well:
•
Bitrate, which is defined as field clocks per bit (e.g., RF/40 = 125 kHz/40 =
3.125 kBit/s) (see table Table 1 “Transmission Options”)
•
Modulation method (see Figure 5)
•
Code length: 32, 64, 96 or 128 bits
For programming the ID code into the laser ROM, one of the following data has to be
supplied:
•
ID code algorithm which is implemented in Atmel’s code management software
(Atmel will generate the codes as requested)
•
Customer generated ID codes on floppy disk or per email/ftp.
The format has to comply to the following rules:
–
The ID code file is a plain ASCII text file.
–
The code files should be compressed. Please make self extracting files.
–
The code files are used in alphabetical order of their file names (including
letters and numbers). Used - i.e. programmed - code files are discarded.
–
Each line of the code file must contain one ID code for one IC.
–
The code is in hexadecimal format. The code may contain spaces for better
readability.
E6
Header
56-bit ID code
00 00 00 10 2D 72 5D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com