Electronic Components Datasheet Search
  English  ▼

X  

TPS60100 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60100
Description  REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60100 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS60100 Datasheet HTML 17Page - Texas Instruments TPS60100 Datasheet HTML 18Page - Texas Instruments TPS60100 Datasheet HTML 19Page - Texas Instruments TPS60100 Datasheet HTML 20Page - Texas Instruments TPS60100 Datasheet HTML 21Page - Texas Instruments TPS60100 Datasheet HTML 22Page - Texas Instruments TPS60100 Datasheet HTML 23Page - Texas Instruments TPS60100 Datasheet HTML 24Page - Texas Instruments TPS60100 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A − NOVEMBER 1999 − REVISED DECEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
related information
application reports
For more application information see:
D PowerPAD Application Report, Literature Number SLMA002
D TPS6010x/TPS6011x Charge Pump Application Report, Literature Number SLVA070
D Powering the TMS320C5420 Using the TPS60100, TPS76918, and the TPS3305-18, Literature Number
SLVA082.
device family products
Other devices in this family are:
PART NUMBER
DATASHEET
LITERATURE
CODE
DESCRIPTION
TPS60100
SLVS213B
Regulated 3.3-V, 200-mA low-noise charge pump dc-dc converter
TPS60101
SLVS214A
Regulated 3.3-V, 100-mA low-noise charge pump dc-dc converter
TPS60110
SLVS215A
Regulated 5-V, 300-mA low-noise charge pump dc-dc converter
TPS60111
SLVS216A
Regulated 5-V, 150-mA low-noise charge pump dc-dc converter
TPS60120
SLVS257
Regulated 3.3-V, 200-mA high efficiency charge pump dc-dc converter with low-battery comparator
TPS60121
SLVS257
Regulated 3.3-V, 200-mA high efficiency charge pump dc-dc converter with power-good comparator
TPS60122
SLVS257
Regulated 3.3-V, 100-mA high efficiency charge pump dc-dc converter with low-battery comparator
TPS60123
SLVS257
Regulated 3.3-V, 100-mA high efficiency charge pump dc-dc converter with power-good comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com