Electronic Components Datasheet Search
  English  ▼

X  

DS1270AB Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1270AB
Description  16M Nonvolatile SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1270AB Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1270AB Datasheet HTML 1Page - Dallas Semiconductor DS1270AB Datasheet HTML 2Page - Dallas Semiconductor DS1270AB Datasheet HTML 3Page - Dallas Semiconductor DS1270AB Datasheet HTML 4Page - Dallas Semiconductor DS1270AB Datasheet HTML 5Page - Dallas Semiconductor DS1270AB Datasheet HTML 6Page - Dallas Semiconductor DS1270AB Datasheet HTML 7Page - Dallas Semiconductor DS1270AB Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1270Y/AB
3 of 8
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature
0°C to 70°C; -40°C to +85°C for IND parts
Storage Temperature
-40°C to +70°C; -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1270AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1270Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1 Input Voltage
VIH
2.2
VCC
V
Logic 0 Input Voltage
VIL
0
+0.8
V
DC ELECTRICAL
(VCC=5V
±=5% for DS1270AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1270Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-4.0
+4.0
µA
I/O Leakage Current
IIO
-4.0
+4.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
1.0
1.5
mA
Standby Current CE =VCC-0.5V
ICCS2
100
250
µA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1270AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1270Y)
VTP
4.25
4.37
4.5
V
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
20
40
pF
Output Capacitance
CI/O
20
40
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com