Electronic Components Datasheet Search
  English  ▼

X  

HFM201 Datasheet(PDF) 1 Page - Formosa MS

Part # HFM201
Description  Chip High Effciency Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HFM201 Datasheet(HTML) 1 Page - Formosa MS

  HFM201 Datasheet HTML 1Page - Formosa MS HFM201 Datasheet HTML 2Page - Formosa MS HFM201 Datasheet HTML 3Page - Formosa MS HFM201 Datasheet HTML 4Page - Formosa MS HFM201 Datasheet HTML 5Page - Formosa MS HFM201 Datasheet HTML 6Page - Formosa MS HFM201 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
Formosa MS
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
HFM201 THRU HFM207
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121304
2008/02/10
2011/11/18
E
7
Chip High Effciency Rectifiers


Similar Part No. - HFM201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM201 RECTRON-HFM201 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Leshan Radio Company
HFM201 LRC-HFM201 Datasheet
188Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
List of Unclassifed Man...
HFM201 ETC2-HFM201 Datasheet
129Kb / 2P
Plastic package has Underwriters Laboratory
logo
SUNMATE electronic Co.,...
HFM201 SUNMATE-HFM201 Datasheet
441Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
logo
Formosa MS
HFM201-BS FORMOSA-HFM201-BS Datasheet
98Kb / 7P
Chip High Effciency Rectifiers
More results

Similar Description - HFM201

ManufacturerPart #DatasheetDescription
logo
Formosa MS
EF8A05F FORMOSA-EF8A05F Datasheet
53Kb / 6P
Effciency Fast Rectifiers
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
Axial Leaded High Effciency Rectifiers
HFM101-MH1 FORMOSA-HFM101-MH1 Datasheet
58Kb / 7P
Chip High Effciency Rectifiers
HFM101-MS FORMOSA-HFM101-MS Datasheet
59Kb / 7P
SMD High Effciency Rectifiers
HFM101-S FORMOSA-HFM101-S Datasheet
58Kb / 7P
Chip High Effciency Rectifiers
HFM201-BS FORMOSA-HFM201-BS Datasheet
98Kb / 7P
Chip High Effciency Rectifiers
HFM201-S FORMOSA-HFM201-S Datasheet
58Kb / 7P
Chip High Effciency Rectifiers
HFM301-BS FORMOSA-HFM301-BS Datasheet
112Kb / 7P
Chip High Effciency Rectifiers
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
Axial Leaded High Effciency Rectifiers
HFM101 FORMOSA-HFM101_17 Datasheet
57Kb / 7P
Chip High Effciency Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com