Electronic Components Datasheet Search
  English  ▼

X  

MUR4100 Datasheet(PDF) 3 Page - Formosa MS

Part # MUR4100
Description  Axial Leaded Ultra Fast Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MUR4100 Datasheet(HTML) 3 Page - Formosa MS

  MUR4100 Datasheet HTML 1Page - Formosa MS MUR4100 Datasheet HTML 2Page - Formosa MS MUR4100 Datasheet HTML 3Page - Formosa MS MUR4100 Datasheet HTML 4Page - Formosa MS MUR4100 Datasheet HTML 5Page - Formosa MS MUR4100 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Rating and characteristic curves
FIG. 1- FORWARD CURRENT CHARACTERISTICS
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Instantaneous Forward Voltage (V)
FIG. 2-Forward Derating Curve
0
1
2
3
4
0
25
50
75
100
125
150
Single Phase, Half Wave
60Hz Resistive or Inductive Load
FIG. 3-Peak Forward Surge Current
0
50
100
150
1
10
100
Number Of Cycles At 60Hz(Cycles)
Ambient Temperature(°C)
DS-222318
2013/08/23
-
A
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com