Electronic Components Datasheet Search
  English  ▼

X  

DS90C401 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C401
Description  Dual Low Voltage Differential Signaling (LVDS) Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C401 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C401 Datasheet HTML 1Page - National Semiconductor (TI) DS90C401 Datasheet HTML 2Page - National Semiconductor (TI) DS90C401 Datasheet HTML 3Page - National Semiconductor (TI) DS90C401 Datasheet HTML 4Page - National Semiconductor (TI) DS90C401 Datasheet HTML 5Page - National Semiconductor (TI) DS90C401 Datasheet HTML 6Page - National Semiconductor (TI) DS90C401 Datasheet HTML 7Page - National Semiconductor (TI) DS90C401 Datasheet HTML 8Page - National Semiconductor (TI) DS90C401 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +6V
Input Voltage (D
IN)
−0.3V to (V
CC + 0.3V)
Output Voltage (D
OUT+,DOUT−)
−0.3V to (V
CC + 0.3V)
Short Circuit Duration
(D
OUT+,DOUT−)
Continuous
Maximum Package Power Dissipation @ +25˚C
M Package
1068 mW
Derate M Package
8.5 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction
Temperature
+150˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
≥ 3,500V
(EIAJ, 0
Ω, 200 pF)
≥ 250V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+4.5
+5.0
+5.5
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD1
Differential Output Voltage
R
L = 100
Ω (Figure 1)D
OUT−,
D
OUT+
250
340
450
mV
∆V
OD1
Change in Magnitude of V
OD1 for
Complementary Output States
4
35
|mV|
V
OS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Change in Magnitude of V
OS for
Complementary Output States
5
25
|mV|
V
OH
Output Voltage High
R
L = 100
Ω
1.41
1.60
V
V
OL
Output Voltage Low
0.90
1.07
V
I
OS
Output Short Circuit Current
V
OUT = 0V (Note 8)
−3.5
−5.0
mA
V
IH
Input Voltage High
D
IN
2.0
V
CC
V
V
IL
Input Voltage Low
GND
0.8
V
I
I
Input Current
V
IN =VCC, GND, 2.5V or 0.4V
−10
±1
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
CC
No Load Supply Current
D
IN =VCC or GND
V
CC
1.7
3.0
mA
D
IN = 2.5V or 0.4V
3.5
5.5
mA
I
CCL
Loaded Supply Current
R
L = 100
Ω All Channels
V
IN =VCC or GND (all inputs)
8
14.0
mA
Switching Characteristics
V
CC = +5.0V ±10%, TA = −40˚C to +85˚C (Notes 3, 4, 5, 6, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHLD
Differential Propagation Delay High to Low
R
L = 100
Ω,C
L =5pF
(Figure 2 and Figure 3)
0.5
2.0
3.5
ns
t
PLHD
Differential Propagation Delay Low to High
0.5
2.1
3.5
ns
t
SKD
Differential Skew |t
PHLD –tPLHD|
0
80
900
ps
t
SK1
Channel-to-Channel Skew (Note 4)
0
0.3
1.0
ns
t
SK2
Chip to Chip Skew (Note 5)
3.0
ns
t
TLH
Rise Time
0.35
2.0
ns
t
THL
Fall Time
0.35
2.0
ns
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com