Electronic Components Datasheet Search
  English  ▼

X  

SF1040CT Datasheet(PDF) 1 Page - Formosa MS

Part # SF1040CT
Description  Super Fast Recovery Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF1040CT Datasheet(HTML) 1 Page - Formosa MS

  SF1040CT Datasheet HTML 1Page - Formosa MS SF1040CT Datasheet HTML 2Page - Formosa MS SF1040CT Datasheet HTML 3Page - Formosa MS SF1040CT Datasheet HTML 4Page - Formosa MS SF1040CT Datasheet HTML 5Page - Formosa MS SF1040CT Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
2
2
2
3
4
4
4
5
6
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings ..............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Tube packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222439
2009/08/10
2014/08/15
E
6
Formosa MS
Super Fast Recovery Rectifiers
SF1005CT THRU SF1060CT


Similar Part No. - SF1040CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SF1040CT GULFSEMI-SF1040CT Datasheet
103Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:10.0A
logo
DIYI Electronic Technol...
SF1040CT DYELEC-SF1040CT Datasheet
1Mb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Microdiode Semiconducto...
SF1040CT CHENDA-SF1040CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 10 Amperes
logo
Zibo Seno Electronic En...
SF1040CT ZSELEC-SF1040CT Datasheet
100Kb / 2P
10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SF1040CT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
SUPER FAST RECOVERY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
Super Fast recovery rectifiers
ES3A-SMC YFWDIODE-ES3A-SMC Datasheet
101Kb / 2P
Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
SF1602CT NIUHANG-SF1602CT Datasheet
423Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com