Electronic Components Datasheet Search
  English  ▼

X  

SFM22 Datasheet(PDF) 3 Page - Formosa MS

Part # SFM22
Description  Chip Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM22 Datasheet(HTML) 3 Page - Formosa MS

  SFM22 Datasheet HTML 1Page - Formosa MS SFM22 Datasheet HTML 2Page - Formosa MS SFM22 Datasheet HTML 3Page - Formosa MS SFM22 Datasheet HTML 4Page - Formosa MS SFM22 Datasheet HTML 5Page - Formosa MS SFM22 Datasheet HTML 6Page - Formosa MS SFM22 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Rating and characteristic curves (SFM21 THRU SFM28)
FIG.5-TYPICAL JUNCTION CAPACITANCE
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
LEAD TEMPERATURE ( C)
°
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
110
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
.001
.01
.1
1.0
10
Pulse Width 300us
1% Duty Cycle
T =25 C
J
1.6
1.8
.4
.6
.8
1.0
1.2
1.4
DS-121404
2008/02/10
2011/11/18
F
7
2
1
.
.
8
6
24.
2
1
.
.
0
2
.8
.4
0
0
20
40
60
80
100
120
140
160
180
P.C.B. Mounted on
2.8 mm x 1.6 mm
Copper Pad Areas



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com