Electronic Components Datasheet Search
  English  ▼

X  

ASC-24S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ASC-24S
Description  AC-DC Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ASC-24S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ASC-24S Datasheet HTML 1Page - Arch Electronics Corp. ASC-24S Datasheet HTML 2Page - Arch Electronics Corp. ASC-24S Datasheet HTML 3Page - Arch Electronics Corp. ASC-24S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : E_3
update : 2015.12.09
AC-DC Power Module
ASC SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Dual、Triple Output )
ASC-5D
ASC-12D
ASC-15D
ASC-5S12S
ASC-5S12D
ASC-5S15D
Max Output Wattage (W)
30W
30W
30W
30W
30W
30W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
520 mA max. (115 VAC) / 320 mA max. (230 VAC)
Inrush Current (<2ms)
23 A max. (115 VAC) / 46 A max. (230 VAC)
Leakage Current
0.75 mA max.
Input
External Fuse (recommend)
1.5 A slow blow type
Voltage (V.DC.)
±5V
±12V
±15V
5/12
5/±12
5/±15
Voltage Accuracy
±5%
±2% / ±5%
Current (mA) max
±3000
±1250
±1000
3000/1250
3000/±630
3000/±500
Line Regulation (LL-HL) (typ.)
±1%
±1% / ±5%
Load Regulation (20-100%) (typ.)
±3%
±2% / ±6%
Minimum Load
2%
3%
1%
20%
20%
20%
Maximum Capacitive Load
(at 230VAC)
±50000 uF
±14000 uF
±10000 uF
13200 /
6400 uF
15000 /
±5400 uF
10000 /
±3200 uF
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
79%
82%
80%
79%
79%
78%
Output
Hold-up Time
15 ms min.
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000 V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>200,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
3.52 x 2.52 x 0.98 Inches ( 89.5 x 64.1 x 25.0 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
212 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com