Electronic Components Datasheet Search
  English  ▼

X  

T240010 Datasheet(PDF) 1 Page - E-SWITCH

Part # T240010
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T240010 Datasheet(HTML) 1 Page - E-SWITCH

  T240010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200RDP2T1B1M2R
2:1
10/21/2015
T240010
A
rc
1
1
PCB LAYOUT
1
2
3
4
5
6
456
3
6
A
22045
New Release
11/6/15
rc
9.50
[.374 in]
5.00
[.197 in]
4.00
[.157 in]
4.00
[.157 in]
6.00
[.236 in]
8.00
[.315 in]
.60
[.024 in]
2.54
[.100 in]
5.08
[.200 in]
.30
[.012 in]
3.30
[.130 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-3; 5-6
NONE
2-1; 5-4
(ON) = MOMENTARY FUNCTION
1.00
[.039 in]
2.54
[.100 in]
5.08
[.200 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACTS: COPPER ALLOY W/ GOLD PLATING
5. RATING: 0.4 VA max. @ 48V AC OR DC max.
6. CONTACT RESISTANCE: <50 MILLI-OHM
7. MECHANICAL LIFE: 40,000 CYCLES.
8. INSULATION RESISTANCE: 1000 MEGA-OHM min.
9. DIELECTRIC STRENGTH: 500 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. SEAL RATING: IP67
13. 2002/95/EC (ROHS) COMPLIANT
POS 1
POS 3
2.50
[.098 in]
2.54
[.100 in]
2.54
[.100 in]
5
2
63
CIRCUIT: DPDT
1
4


Similar Part No. - T240010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T240011 E-SWITCH-T240011 Datasheet
124Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T240013 E-SWITCH-T240013 Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T240014 E-SWITCH-T240014 Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T240015 E-SWITCH-T240015 Datasheet
191Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T240016 E-SWITCH-T240016 Datasheet
192Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T240010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com