Electronic Components Datasheet Search
  English  ▼

X  

MTC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MTC
Description  Switching Power Modules for PCB Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MTC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MTC_16 Datasheet HTML 1Page - Arch Electronics Corp. MTC_16 Datasheet HTML 2Page - Arch Electronics Corp. MTC_16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : D_5
update : 2015.12.09
AC-DC Medical
MTC SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
MTC-3.3S
MTC-5S
MTC-7.35S
MTC-9S
MTC-12S
MTC-15S
MTC-24S
Max output wattage
( W )
9.9W
15W
15W
15W
15W
15W
15W
Voltage (V.DC.)
3.3V
5V
7.35V
9V
12V
15V
24V
Current (mA) max
3000
3000
2040
1666
1250
1000
625
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
±2%
Line regulation (max.)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (0-100%) (max.)
1%
1%
1%
1%
1%
1%
1%
Minimum load
0%
0%
0%
0%
0%
0%
0%
Efficiency (Typ)
75%
79%
79%
80%
81%
82%
83%
Output
Maximum Capacitive Load (at 230 VAC)
40000 uF
10000 uF
4700 uF
3000 uF
1100 uF
1000 uF
820 uF
Model No.
( Dual Output )
MTC-5D
MTC-12D
MTC-15D
Max output wattage
( W )
15W
15W
15W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
1500
1500
625
625
500
500
Voltage set accuracy
±2%
±2%
±2%
Line regulation (max.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (max.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation
5%
3%
3%
Minimum load
10%
10%
10%
Efficiency (Typ)
79%
82%
82%
Output
Maximum Capacitive Load (at 230 VAC)
±4700 uF
±560 uF
±500 uF
Model No.
( Triple Output )
MTC-5S12D
MTC-5S15D
Max output wattage
( W )
15W
15W
Output 2
Output 3
Output 1
Output 2
Output 3
Voltage (V.DC.)
+12
-12
5
+15
-15
Current (mA) max
200
200
2000
150
150
Voltage set accuracy
±5%
±3%
±5%
Line regulation (max.)
2%
0.5%
2%
Load regulation (10-100%) (max.)
(symmetric load)
5%
1%
5%
Cross regulation
5%
1%
5%
Minimum load
25%
25%
Efficiency (Typ)
78%
78%
Output
Maximum Capacitive Load (at 230 VAC)
±470 uF
10000 uF
±600 uF
KEY FEATURES
 Switching Power Modules for PCB Mounting
 Fully Encapsulated Plastic Case
 Universal Input Range 90-264VAC, 47-440 Hz
 Regulated Output
 Low Ripple and Noise
 Isolation Class II
 UL60601-1 / IEC60601-1 / EN60601-1 Medical Safety Approvals
 3-Year Product Warranty


Similar Part No. - MTC_16

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MTC-160 SLPOWER-MTC-160 Datasheet
89Kb / 2P
160, 220 WATTS MULTIPLE OUTPUT
logo
List of Unclassifed Man...
MTC-16101X ETC1-MTC-16101X Datasheet
757Kb / 25P
LCD MODULE SPECIFICATION FOR CUSTOMERs APPROVAL
MTC-16201X ETC1-MTC-16201X Datasheet
87Kb / 1P
Gray STN/Yellow STN/Extended Temperature/Bottom/Top Viewing
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
MODULE
MTC-16206X ETC1-MTC-16206X Datasheet
78Kb / 1P
MTC-16206X
More results

Similar Description - MTC_16

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
Arch Electronics Corp.
MSC60 ARCH-MSC60 Datasheet
248Kb / 4P
Switching Power Modules for PCB Mounting
logo
AIMTEC
AM30K-I-Z AIMTEC-AM30K-I-Z Datasheet
328Kb / 5P
Power modules for PCB mounting
logo
Arch Electronics Corp.
MSC ARCH-MSC_16 Datasheet
245Kb / 3P
Switching Power Modules for PCB Mounting
MSC60 ARCH-MSC60_16 Datasheet
150Kb / 3P
Switching Power Modules for PCB Mounting
MSC-E1 ARCH-MSC-E1_16 Datasheet
245Kb / 3P
Switching Power Modules for PCB Mounting
MTC-E1 ARCH-MTC-E1_16 Datasheet
267Kb / 3P
Switching Power Modules for PCB Mounting
MSC-E1_SERIES ARCH-MSC-E1_SERIES Datasheet
257Kb / 3P
Switching Power Modules for PCB Mounting
MTC-E1_SERIES ARCH-MTC-E1_SERIES Datasheet
250Kb / 3P
Switching Power Modules for PCB Mounting
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com