Electronic Components Datasheet Search
  English  ▼

X  

PLF30 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # PLF30
Description  Fully Isolated Plastic Case with IP67 Level
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PLF30 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  PLF30_16 Datasheet HTML 1Page - Arch Electronics Corp. PLF30_16 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : B_2
update : 2015.05.15
LED Power
PLF30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
ELECTRICAL SPECIFICATIONS
Model No.
PLF30-13.5S
PLF30-24S
PLF30-48S
Max output wattage
( W )
28.4W
33.6W
33.6W
Voltage
(Note2)
90-264 VAC
Frequency (Hz)
50 / 60 Hz
Power factor
PF>0.9 at Full load (115 VAC / 230 VAC)
Current (Full load)
0.8A max. (115 VAC) / 0.4A max. (230 VAC)
Inrush current
40 A max. (Cold Start at 230 VAC)
Input
Leakage Current
< 0.7 mA max at 240 VAC / 63 Hz
Voltage (V.DC.)
13.5V
24V
48V
Constant Current Operation Voltage (max) (CC Mode) (Note
3)
11~13.5VDC
17~ 24VDC
33.5~ 48VDC
Voltage Tolerance
±10%
Current (mA) (CC Mode) (at 230VAC.)
2100
1400
700
Minimum Load (mA)
1900
1050
525
Line Regulation (115-230VAC) (typ.)
±4%
Load Regulation (typ.)
±5%
Ripple & Noise (max)
2.4Vp-p
2.4Vp-p
4.8Vp-p
Output
Efficiency (at 230VAC.)(typ)
85%
88%
89%
Over current protection
Auto recovery
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.02%/°C
Humidity
95% RH
Environment
MTBF
>583,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.92 x 2.36 x 1.38 Inches (125.0 x 60.0 x 35.0 mm) Tolerance
0.5 mm
Weight
410 g
Physical
Cooling method
Free air convection
Safety
Agency Approvals
IEC / EN 61347-2-13、 IEC / EN 61347-1
EMI (Conducted & Radiated Emission)
EN 55015
EMS (Noise Immunity)
EN 61547
EMC
Harmonic Current
EN 61000-3-2(at Full Load)、EN 61000-3-3
KEY FEATURES
 Fully Isolated Plastic Case with IP67 Level
 Constant Current
 With Constant Current & Constant Voltage (C.C+C.V mode)
 Universal Input: 100-240 VAC
 With P.F.C. Function, PF>0.9
 Free Air Convection
 Protections: Over Load / Over Voltage / Short Circuit
 High Reliability & Double Layered PCB
 Ultra Compact Size: 4.92 x 2.36 x 1.38 Inches
 3-Year Product Warranty


Similar Part No. - PLF30_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PLF30-13.5S ARCH-PLF30-13.5S Datasheet
274Kb / 2P
LED Power
More results

Similar Description - PLF30_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
APF100 ARCH-APF100_16 Datasheet
181Kb / 3P
Fully Isolated Plastic Case with IP67 Level
APF150 ARCH-APF150_16 Datasheet
181Kb / 3P
Fully Isolated Plastic Case with IP67 Level
PLF16 ARCH-PLF16_16 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF25 ARCH-PLF25_16 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
PLF60 ARCH-PLF60_16 Datasheet
239Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PSF60 ARCH-PSF60_16 Datasheet
215Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PSF75 ARCH-PSF75_16 Datasheet
277Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PSF100 ARCH-PSF100_16 Datasheet
281Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PLF30_SERIES ARCH-PLF30_SERIES Datasheet
306Kb / 2P
Fully Isolated Plastic Case with IP67 Level
PLF60_SERIES ARCH-PLF60_SERIES Datasheet
310Kb / 2P
Fully Isolated Plastic Case with IP67 Level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com