Electronic Components Datasheet Search
  English  ▼

X  

POL10-05 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # POL10-05
Description  Input under Voltage Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

POL10-05 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  POL10-05 Datasheet HTML 1Page - Arch Electronics Corp. POL10-05 Datasheet HTML 2Page - Arch Electronics Corp. POL10-05 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_0
update : 2014.04.25
DC-DC Brick
POL10/16 SERIES
10/16 A
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
DESCRIPTION
POL series are high performance SIP POL models, whose feature include wide
range of input voltage, high power density and perfect protection functions.
This series include BUCK and BOOST models, the output current covering 10A
and 16A two levels. The output voltage can be set arbitrarily in the rating range.
All models can be used in DPA or IBA. This series which conform to the RoHS6
requirement are suitable for telecom devices, server, network and industry
devices power supply
ELECTRICAL SPECIFICATIONS
Conditions: TA = -40 - 85°C, Vin = 4.5 - 5.5 / 3 - 5.5V / 10 - 14 VDC, Vout = 3.3 / 0.75 – 3.3 / 0.85 - 5 V DC, unless otherwise notes.
Model No.
POL10-05
POL16-05
POL16-12
Voltage (V.DC.) (max.) (Continuous)
6V
5.8V
16V
Operating Voltage (V.DC.)
5V (4.5~5.5V)
3.3V (3~5.5V)
12V (10~14V)
Current (A) (max)
10A
23A
18A
Input
No-Load Loss (W) (typ.)
0.3W
0.2W
0.7W
Voltage Set Point (V.DC.) (typ.)
3.3V
3.3V
1.2V
Voltage Trim Range (V.DC.)
3.2~3.4V
0.75~3.3V
0.85~5V
Current (A) (max.)
10A
16A
16A
Line Regulation (LL-HL) (typ.)
1%
Load Regulation (0-100%) (typ.)
1%
1.5%
2%
Ripple & Noise (peak to peak) (typ.)
(Oscilloscope Bandwidth:20 MHz)
70 mV
50 mV
<3.3V:50 mV
≧3.3V: 75 mV
0.9Vout:
85%
0.85Vout:
80%
1.0Vout:
86%
1.0Vout:
83%
1.2Vout:
87.5%
1.2Vout:
84%
1.5Vout:
89.5%
1.5Vout:
86%
1.8Vout:
91%
1.8Vout:
87.5%
2.5Vout:
93%
2.5Vout:
88%
3.3Vout:
94.5%
3.3Vout:
90.5%
Output
Efficiency (typ.)
95%
5.0Vout:
92%
Over Power Protection
Hiccup mode
Over Current Protection
Hiccup mode
Over Voltage Protection
105~130%
(Self-recovery)
─
105~130%
(Self-recovery)
Short Circuit Protection (max.)
Hiccup mode
Threshold:125°C / Hysteresis:5°C (typ.)
Protection
Over Temperature Protection
Self-recovery
(The values are obtained by measuring the temperature of the PCB bottom near
the thermal resistor.)
Operating Temperature
-40°C…+85°C
Storage Temperature
-55°C…+125°C
Temperature Coefficient (max.)
(TA = -40°C to +85°C (-40°F to +185°F ))
0.02 % Vout / °C
0.5 % Vout / °C
0.02 % Vout / °C
Humidity
95% RH
Environment
MTBF
1.5 Million Hours
(Telcordia SR332; Vin = 5 / 3.3 / 12 V; 80% load; Airflow = 1.5 m/s (300
FLM); TA = 40°C (104°F)
Dimension (L x W x H)
Tolerance
0.5 mm
POL16-05: 2.0 x 0.5 x 0.33 Inches ( 50.8 x 12.7 x 8.4 mm )
others:
2.0 x 0.55 x 0.47 Inches ( 50.8 x 14.0 x 12.0 mm )
Physical
Weight
6 g
Low level (V.DC.)
-0.2~0.5V
0.4V (max.)
-0.2~0.5V
Other
Remote
On/Off Voltage
High level (V.DC.)
2.0~5.0V
1.5~5.8V
2.0~5.0V
KEY FEATURES
 Input under Voltage Protection
 Over Current Protection (Hiccup Mode)
 Short Circuit Protection (Hiccup Mode)
 Over Voltage Protection (Self-recovery) * *
 Over Temperature Protection (Self-recovery)
 Remote ON/OFF Control
 Remote Sense
 Output Voltage Trim
 Monotonic Start-Up Into Pre-Biased Outputs *
 Meet UL94V-0 flammability requirements
 Size: 2.0 x 0.5 x 0.33 Inches (POL16-05)
2.0 x 0.55 x 0.47 Inches (others Model)
 3-Years Product Warranty
*POL10-05 and POL16-12 without this function
**POL16-05 without this function


Similar Part No. - POL10-05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T Datasheet
320Kb / 5P
POL10-05T SERIES
POL10-05T WALL-POL10-05T Datasheet
321Kb / 5P
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POL10-05T WALL-POL10-05T_18 Datasheet
321Kb / 5P
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
More results

Similar Description - POL10-05

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
Input under Voltage Protection
BR130 ARCH-BR130 Datasheet
475Kb / 5P
Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
Input under Voltage Protection
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
Input Under-Voltage Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com