Electronic Components Datasheet Search
  English  ▼

X  

GSIB1520 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSIB1520
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB1520 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSIB1520 Datasheet HTML 1Page - Vishay Siliconix GSIB1520 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSIB1520 thru GSIB1580
Vishay Semiconductors
formerly General Semiconductor
Document Number 88644
www.vishay.com
1-Dec-03
1
New Product
Single-Phase Single In-Line
Bridge Rectifiers
Reverse Voltage 200 to 800V
Forward Current 15A
Maximum Ratings & Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
GSIB1520
GSIB1540
GSIB1560
GSIB1580
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward rectified TC = 107°C
15(1)
output current at
TA = 25°C
IF(AV)
3.5(2)
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
300
A
Rating for fusing (t < 8.3ms)
I2t
240
A2sec
Maximum thermal resistance per leg
RθJA
22(2)
RθJC
1.5(1)
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
GSIB1520
GSIB1540
GSIB1560
GSIB1580
Unit
Maximum instantaneous forward voltage drop
per leg at 7.5A
VF
0.95
V
Maximum DC reverse current at
TA = 25°C
10
rated DC blocking voltage per leg
TA = 125°C
IR
250
µA
Notes:
(1) Unit case mounted on Al plate heatsink.
(2) Units mounted on P.C.B. without heatsink
(3) Recommended mounting position is to bolt down on heatsink with silicone
thermal compound for maximum heat transfer with #6 screw
2.5 ±0.2
2.2 ±0.2
1±0.1
10 ±0.2
7.5
±0.2
2.7 ±0.2
0.7 ±0.1
4.6 ±0.2
3.6 ±0.2
+
7.5
±0.2
30 ±0.3
Case Style GSIB-5S
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• This series is UL listed under Recognized Component
Index, file number E54214.
• High case dielectric strength of 2500 VRMS
• Ideal for printed circuit boards
• Glass passivated chip junction
• High surge current capability
• High temperature soldering guaranteed: 260°C/10 seconds,
0.375 (9.5mm) lead length, 5lbs. (2.3kg) tension
Mechanical Data
Case: GSIB-5S Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any(3)
Mounting Torque: 8 in-lbs max.
Weight: 0.26 oz., 7.0 g
Dimensions in millimeters


Similar Part No. - GSIB1520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB1520 VISHAY-GSIB1520 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
logo
Gulf Semiconductor
GSIB1520 GULFSEMI-GSIB1520 Datasheet
146Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 15.0A
logo
Vishay Siliconix
GSIB1520 VISHAY-GSIB1520 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB1520-E3/45 VISHAY-GSIB1520-E3/45 Datasheet
65Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
13-Jun-14
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
More results

Similar Description - GSIB1520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
LVB1560 VISHAY-LVB1560_13 Datasheet
69Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com