Electronic Components Datasheet Search
  English  ▼

X  

ST60 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ST60
Description  Power Module for PCB Mountable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST60 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ST60_16 Datasheet HTML 1Page - Arch Electronics Corp. ST60_16 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_0
update : 2015.10.02
Encapsulated DC-DC Converter
ST60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with ceramic 0.1uF & chemi-con KY 47uF parallel capacitor.
2. That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
3.
4. Please refer to our PDF file "DC-DC Application" on our website: www.archcorp.com.tw
MECHANICAL DIMENSION
( Top View )
PIN#
Single
1
CTRL
2
-DC IN
3
+DC IN
4
TRIM
5
-DC OUT
6
+DC OUT
DERATING
Use a Cout ceramic capacitor. Please refer to capacitor
value of every series. Scope measurement should be made
by using a BNC socket, measurement bandwidth is 0-20
MHz. Position the load between 50 mm and 75 mm from the
DC-DC Converter.
TRIM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com