Electronic Components Datasheet Search
  English  ▼

X  

SW20 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SW20
Description  The Smallest Dimension in the Market
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SW20 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SW20_16 Datasheet HTML 1Page - Arch Electronics Corp. SW20_16 Datasheet HTML 2Page - Arch Electronics Corp. SW20_16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : B_1
update : 2015.07.14
Encapsulated DC-DC Converter
SW20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
SW20-12-3.3S
SW20-12-5S
SW20-12-12S
SW20-12-15S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V / 4500mA
5V / 4000mA
12V / 1660mA
15V / 1330mA
Efficiency
85%
89%
88%
87%
Capacitor Load (max)
2000
F
2000
F
470
F
330
F
Model No.
SW20-24-3.3S
SW20-24-5S
SW20-24-12S
SW20-24-15S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V / 4500mA
5V / 4000mA
12V / 1660mA
15V / 1330mA
Efficiency
86%
89%
89%
88%
Capacitor Load (max)
2000
F
2000
F
470
F
330
F
Model No.
SW20-48-3.3S
SW20-48-5S
SW20-48-12S
SW20-48-15S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V / 4500mA
5V / 4000mA
12V / 1660mA
15V / 1330mA
Efficiency
84%
88%
89%
88%
Capacitor Load (max)
2000
F
2000
F
470
F
330
F
Model No.
( Single Output )
SW20-12-3.3S
SW20-24-3.3S
SW20-48-3.3S
SW20-12-5S
SW20-24-5S
SW20-48-5S
SW20-12-12S
SW20-24-12S
SW20-48-12S
SW20-12-15S
SW20-24-15S
SW20-48-15S
Max Output Wattage (W)
14.85W
20W
20W
20W
Input
Input Filter
L-C type
Voltage (V.DC.)
3.3
5
12
15
Voltage Accuracy
2%
Current (mA) max
4500
4000
1660
1330
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Ripple
75 mV
max.
100mV
max.
Noise
100 mV
max.
125mV
max.
Output
Switching Frequency
450KHz
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-40°C…+85C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+105°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.0 x 1.0 x 0.433 Inches ( 25.4 x 25.4 x 11.0 mm ) Tolerance
0.5 mm
Case Material
six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
15g
Physical
Cooling Method
Free-air convection
KEY FEATURES
 The Smallest Dimension in the Market
 Smaller Dimension with High Efficiency
 2:1 Input Range
 Regulated Output
 Low Ripple and Noise
 Screw Terminal For Optional
 Remote ON/OFF Control (Optional)
 Operating Temperature: -40°C…+85°C (with derating)
 Small Size :1.0 x 1.0 x 0.433 Inches
 3-Year Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - SW20_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SW20-12-12S ARCH-SW20-12-12S Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
SW20-12-15S ARCH-SW20-12-15S Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
SW20-12-3.3S ARCH-SW20-12-3.3S Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
SW20-12-5S ARCH-SW20-12-5S Datasheet
142Kb / 3P
Encapsulated DC-DC Converter
logo
MORNSUN Science& Techno...
SW2001-EX MORNSUN-SW2001-EX Datasheet
68Kb / 2P
SW20XX-EX Isolating Switching Barrier
More results

Similar Description - SW20_16

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
POWERFUL MICROCONTROLLER for use in the automotive market
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
Following the market launch of the award winning
28-Jul-2009
logo
Rohm
BD7682FJ-LB ROHM-BD7682FJ-LB Datasheet
1Mb / 30P
This is the product guarantees long time support in the Industrial market
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Soshin electric Co., Lt...
NF3000C-SVA SOSHIN-NF3000C-SVA Datasheet
286Kb / 4P
3-phase 3-line 500VAC The smallest footprint in the class
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com