Electronic Components Datasheet Search
  English  ▼

X  

B240A Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # B240A
Description  BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

B240A Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  B240A Datasheet HTML 1Page - Diode Semiconductor Korea B240A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.5
0
50
Resistive or
inductive Load
P.C.B.MOUNTED ON
0.2 X0.2 (5.0X5.0mm)
COPPERPAD AREAS
1.0
60 70 80
90 100 110 120 130 140 150 160
B220A-B240A
B250A-B260A
1.5
2.0
AT RATED TL
8.3ms Single Half Sine-Wave
(JEDEC Method)
1
10
100
50
10
20
40
30
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
50
1
0.1
0.01
B220A-B240A
B250A-B260A
Puise Width=300
S
1%DUTY CYCLE
TJ=25 C
TJ=150 C
TJ=150 C
O
O
O
100
0.1
10
1
0.001
0.01
20
0
406080
100
B220A-B240A
B250A-B260A
TJ=75 C
TJ=125 C
TJ=75 C
0
0
0
10
1
10
100
400
100
0.1
B220A-B240A
B250A-B260A
O
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.2-- PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
REVERSE VOLTAGE,VOLTS
LEAD TEMPERATURE
B220A --- B260A
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com