Electronic Components Datasheet Search
  English  ▼

X  

DS90CF383 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CF383
Description  3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF383 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  DS90CF383 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF383 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AC Timing Diagrams (Continued)
DS90CF383 Pin Description — FPD Link Transmitter
Pin Name
I/O
No.
Description
TxIN
I
28
TTL level input. This includes: 8 Red, 8 Green, 8 Blue, and 4 control lines — FPLINE,
FPFRAME and DRDY (also referred to as HSYNC, VSYNC, Data Enable).
TxOUT+
O
4
Positive LVDS differentiaI data output.
TxOUT−
O
4
Negative LVDS differential data output.
FPSHIFT IN
I
1
TTL Ievel clock input. The falling edge acts as data strobe. Pin name TxCLK IN.
TxCLK OUT+
O
1
Positive LVDS differential clock output.
TxCLK OUT−
O
1
Negative LVDS differential clock output.
PWR DOWN
I
1
TTL level input. When asserted (low input) TRI-STATES the outputs, ensuring low current at
power down.
V
CC
I
4
Power supply pins for TTL inputs.
DS100033-18
FIGURE 11. Transmitter Power Down Delay
DS100033-26
FIGURE 12. Transmitter LVDS Output Pulse Position Measurement
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com