Electronic Components Datasheet Search
  English  ▼

X  

MBRB20100CT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBRB20100CT
Description  DUAL SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBRB20100CT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBRB20100CT Datasheet HTML 1Page - Diode Semiconductor Korea MBRB20100CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
1
100
4000
1000
100
0.1
10
TJ=25
f=1.0MHz
Vsig=50MVp-p
0
0.3
0.6
1.0
0.01
0.1
0.1 0.2
0.7
0.5
0.4
0.8 0.9
1.1 1.2
40
10
1
TJ=125
TJ=25
Pulse Width=300
µs
1% Duty Cycle
25
150
1
1 0
1 00
125
100
75
50
175
TJ=TJmax
8.3ms Single Half Sine Wave
(JEDEC Method)
50
10
0
5
0
20
15
25
100
150
Resistive or inductive Load
0
20
40
60
80
100
0.001
0.01
0.1
1
10
40
TJ=125
TJ=75
TJ=25
MBRB2070CT---MBRB20100CT
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
11111vCHARACTERISTICS PER LEG
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
bn
PER LEG
111
1FIG.5--TYPICAL JUNCTION CAPACITANCE PER LEG
CASE TEMPERATURE
PERCENT OF RATED PEAK REVERSE VOLTAGE,
REVERSE VOLTAGE,VOLTS
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK
cc
FORWARD SURGE CURRENT PERLEG
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com