Electronic Components Datasheet Search
  English  ▼

X  

RBV404 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # RBV404
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RBV404 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  RBV404 Datasheet HTML 1Page - Diode Semiconductor Korea RBV404 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ideal for printed circuit board
Reliable low cost construction utilizing molded
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RBV
402
RBV
404
RBV
406
RBV
408
RBV
410
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
C=50
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 2.0 A
VF
V
Maximum reverse current
@T
A=25
μ A
at rated DC blocking voltage @T
A=100
Operating junction temperature range
TJ
Storage temperature range
TSTG
RBV4005---RBV410
RBV
4005
RBV
401
50
100
1.0
100
80
IF(AV)
4.0
SILICON BRIDGE RECTIFIERS
A
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
4.0 A
35
50
KBJ4
plastic technique
Surge overload rating:
80 amperes peak
- 55 ---- + 150
- 55 ---- + 1
50
IR
IFSM
A
10
Dimensions in millimeters
25± 0.3
φ 3.2±
0.15
2.1± 0.2
7.5± 0.2
3.7± 0.2
4.7± 0.2
2.8± 0.2
0.7± 0.1
1.2± 0.2
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - RBV404

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RBV404 EIC-RBV404 Datasheet
43Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
RBV404 BILIN-RBV404 Datasheet
153Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
RBV404 LUGUANG-RBV404 Datasheet
188Kb / 2P
Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
RBV404 BILIN-RBV404 Datasheet
106Kb / 3P
Silicon Bridge Rectifiers
logo
Leshan Radio Company
RBV404G LRC-RBV404G Datasheet
55Kb / 2P
4.0A BRIDGE RECTIFIERS
More results

Similar Description - RBV404

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com